Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R5F51303ADFM Datasheet (PDF) - Renesas Technology Corp

R5F51303ADFM Datasheet PDF - Renesas Technology Corp
Part # R5F51303ADFM
Download  R5F51303ADFM Download
File Size   2486.12 Kbytes
Page   134 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 512-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 6 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply

R5F51303ADFM Datasheet (PDF)

Go To PDF Page Download Datasheet
R5F51303ADFM Datasheet PDF - Renesas Technology Corp

Part # R5F51303ADFM
Download  R5F51303ADFM Click to download

File Size   2486.12 Kbytes
Page   134 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 512-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 6 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply

R5F51303ADFM Datasheet (HTML) - Renesas Technology Corp


R5F51303ADFM Product details

Features
■ 32-bit RX CPU core
• Max. operating frequency: 32 MHz
Capable of 50 DMIPS in operation at 32 MHz
• Accumulator handles 64-bit results (for a single instruction) from
32-bit × 32-bit operations
• Multiplication and division unit handles 32-bit × 32-bit operations
(multiplication instructions take one CPU clock cycle)
• Fast interrupt
• CISC Harvard architecture with 5-stage pipeline
• Variable-length instructions, ultra-compact code
• On-chip debugging circuit
■ Low power design and architecture
• Operation from a single 1.8-V to 5.5-V supply
• Three low power consumption modes
• Low power timer (LPT) that operates during the software standby state
• Supply current
High-speed operating mode: 96 μA/MHz
Supply current in software standby mode: 0.37 μA
• Recovery time from software standby mode: 4.8 μs
■ On-chip flash memory for code, no wait states
• 64 K/128 K/256 K/383 K/512 Kbytes
• Operation at 32 MHz, read cycle of 31.25 ns
• No wait states for reading at full CPU speed
• Programmable at 1.8 V
• For instructions and operands
■ On-chip data flash memory
• 8 Kbytes (1,000,000 program/erase cycles (typ.))
• BGO (Background Operation)
■ On-chip SRAM, no wait states
• 10 K/16 K/32 K/48 Kbytes size capacities
■ DTC
• Four transfer modes
• Transfer can be set for each interrupt source.
■ ELC
• Module operation can be initiated by event signals without using
interrupts.
• Linked operation between modules is possible while the CPU is sleeping.
■ Reset and supply management
• Eight types of reset, including the power-on reset (POR)
• Low voltage detection (LVD) with voltage settings
■ Clock functions
• External clock input frequency: Up to 20 MHz
• Main clock oscillator frequency: 1 to 20 MHz
• Sub clock oscillator frequency: 32.768 kHz
• PLL circuit input: 4 MHz to 8 MHz
• Low-speed on-chip oscillator: 4 MHz
• High-speed on-chip oscillator: 32 MHz ± 1 %
• IWDT-dedicated on-chip oscillator: 15 kHz
• Generate a 32.768 kHz clock for the real-time clock
• On-chip clock frequency accuracy measurement circuit (CAC)
■ Realtime clock
• Adjustment functions (30 seconds, leap year, and error)
• Calendar count mode or binary count mode selectable
■ Independent watchdog timer
• 15-kHz on-chip oscillator produces a dedicated clock signal to drive
IWDT operation.
■ Useful functions for IEC60730 compliance
• Self-diagnostic and disconnection-detection assistance functions for
the A/D converter, clock frequency accuracy measurement circuit,
independent watchdog timer, RAM test assistance functions using the
DOC, etc.




Similar Part No. - R5F51303ADFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F51303ADFM RENESAS-R5F51303ADFM Datasheet
1Mb / 116P
32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
R5F51303ADFM#30 RENESAS-R5F51303ADFM#30 Datasheet
1Mb / 116P
32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
More results


Similar Description - R5F51303ADFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX21A RENESAS-RX21A Datasheet
1Mb / 132P
50-MHz 32-bit RX MCUs, 78 DMIPS, 24-bit ΔΣ A/D Converter up to 512-KB flash memory, IrDA, 10-bit A/D, 10-bit D/A, DEU, ELC, MPC, RTC; up to 9 comms interfaces
Aug 28, 2014
RX111 RENESAS-RX111_V01 Datasheet
1Mb / 127P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
May 31, 2016
RX140 RENESAS-RX140 Datasheet
2Mb / 118P
48-MHz, 32-bit RX MCUs, on-chip FPU, 204 Coremark, up to 256-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 9 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply, Encryption functions (optional)
Apr 20, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com