Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BGT60TR13C Datasheet (PDF) - Infineon Technologies AG

BGT60TR13C Datasheet PDF - Infineon Technologies AG
Part # BGT60TR13C
Download  BGT60TR13C Download
File Size   1465.56 Kbytes
Page   45 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 60 GHz Radar Sensor

BGT60TR13C Datasheet (PDF)

Go To PDF Page Download Datasheet
BGT60TR13C Datasheet PDF - Infineon Technologies AG

Part # BGT60TR13C
Download  BGT60TR13C Click to download

File Size   1465.56 Kbytes
Page   45 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 60 GHz Radar Sensor

BGT60TR13C Datasheet (HTML) - Infineon Technologies AG


BGT60TR13C Product details

Features
 60 GHz radar sensor for FMCW operation
 5.5 GHz bandwidth
 Antenna-in-package (6.5 x 5.0 x 0.9 mm³)
 Digital interface for chip configuration and radar data acquistion
 Optimized power modes for low-power operation
 Integrated state machine for independent operation

Potential applications
 Radar frontend for gesture sensing
 High resolution FMCW radars
 Short range sensing operations
 Hidden sensing applications behind radome

Description
The BGT60TR13C, a 60 GHz radar sensor with antenna in package, enables ultra-wide bandwidth FMCW
operation in a small package. Sensor configuration and data acquisition are enabled with a digital interface and
the integrated state machine enables independent data acquisition with power mode optimization for lowest
power consumption.




Similar Part No. - BGT60TR13C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGT60TR13C INFINEON-BGT60TR13C Datasheet
1Mb / 22P
60 GHz radar system platform
V2.2 2021-11-15
BGT60TR13C INFINEON-BGT60TR13C Datasheet
1Mb / 43P
BGT60TR13C E6327
2023-11-21
BGT60TR13CE6327XUMA1 INFINEON-BGT60TR13CE6327XUMA1 Datasheet
1Mb / 43P
BGT60TR13C E6327
2023-11-21
BGT60TR13C INFINEON-BGT60TR13C_V01 Datasheet
1Mb / 43P
BGT60TR13C E6327
2023-11-21
More results


Similar Description - BGT60TR13C

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
RADEC-D PF-RADEC-D Datasheet
1,017Kb / 6P
Radar sensor
RAVE-D PF-RAVE-D Datasheet
1Mb / 7P
Radar sensor
RAVE-D-GB PF-RAVE-D-GB Datasheet
1Mb / 7P
Radar sensor
RMS-D-NA PF-RMS-D-NA Datasheet
1Mb / 6P
Radar sensor
RMS-D-RC PF-RMS-D-RC Datasheet
1Mb / 6P
Radar sensor
RMS-D-RC-NA PF-RMS-D-RC-NA Datasheet
1Mb / 6P
Radar sensor
RMS-G-RC-NA PF-RMS-G-RC-NA Datasheet
1Mb / 7P
Radar sensor
logo
Infineon Technologies A...
BGT60ATR24C INFINEON-BGT60ATR24C Datasheet
1Mb / 112P
60 GHz radar sensor
V1.5 2022-03-02
AN600 INFINEON-AN600 Datasheet
1Mb / 22P
60 GHz radar system platform
V2.2 2021-11-15
BGT60LTR11AIP INFINEON-BGT60LTR11AIP_V01 Datasheet
306Kb / 12P
Low power 60 GHz Doppler radar sensor with antennas in package
V2.6 2022-08-01
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com