Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACPL-M61M Datasheet (PDF) - Broadcom Corporation.

ACPL-M61M Datasheet PDF - Broadcom Corporation.
Part # ACPL-M61M
Download  ACPL-M61M Download
File Size   685.89 Kbytes
Page   12 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 2.5V/3.3V Low-Power 10 MBd Digital Optocoupler

ACPL-M61M Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-M61M Datasheet PDF - Broadcom Corporation.

Part # ACPL-M61M
Download  ACPL-M61M Click to download

File Size   685.89 Kbytes
Page   12 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 2.5V/3.3V Low-Power 10 MBd Digital Optocoupler

ACPL-M61M Datasheet (HTML) - Broadcom Corporation.


ACPL-M61M Product details

Features
Supply voltage: 2.5V/3.3V
Guaranteed AC and DC performance over wide industrial temperature: –40°C to +125°C
Low supply current IDD: 1.5 mA max
Low LED input driving current IF: 1.6 mA min
Package: SO-5
High data rate: 10 MBd min
Common Mode Rejection (CMR): 20 kV/μs minimum at VCM = 1000V
Safety Approval:
– UL 1577 - 3750 Vrms for 1 minute
– CSA
– IEC/EN/DIN EN 60747-5-5 for Reinforced Insulation

Applications
Communication interface: RS485, CANBus
ASIC system interface
Digital isolation for A/D, D/A conversion




Similar Part No. - ACPL-M61M

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L AVAGO-ACPL-M61L Datasheet
820Kb / 16P
Ultra Low Power 10 MBd Digital CMOS Optocouplers Low input current: 1.6 mA
ACPL-M61L AVAGO-ACPL-M61L Datasheet
312Kb / 17P
Ultra Low Power 10 MBd Digital CMOS Optocouplers
logo
Broadcom Corporation.
ACPL-M61L BOARDCOM-ACPL-M61L Datasheet
1Mb / 19P
Low-Power 10-MBd Digital CMOS Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L-000E AVAGO-ACPL-M61L-000E Datasheet
754Kb / 16P
Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-M61L-060E AVAGO-ACPL-M61L-060E Datasheet
754Kb / 16P
Ultra Low Power 10 MBd Digital CMOS Optocouplers
More results


Similar Description - ACPL-M61M

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
Low Power, 5 MBd Digital CMOS Optocoupler
ACNV2601-300E AVAGO-ACNV2601-300E Datasheet
374Kb / 11P
High Insulation Voltage 10 MBd Digital Optocoupler
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
Low Power, 5 MBd Digital CMOS Optocoupler
ACNV2601 AVAGO-ACNV2601 Datasheet
374Kb / 11P
High Insulation Voltage 10 MBd Digital Optocoupler
ACNW261L-500E AVAGO-ACNW261L-500E Datasheet
607Kb / 17P
Ultra Low Power 10 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
Low Power, 5-MBd Digital CMOS Optocoupler
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
Low Power, 1 MBd Digital Optocoupler
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
Low Power, 5-MBd Digital CMOS Optocoupler
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
Low Power, 1 MBd Digital Optocoupler
ACNV2601 BOARDCOM-ACNV2601 Datasheet
1Mb / 13P
High Insulation Voltage 10-MBd Digital Optocoupler
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com