Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FLM1011-12F Datasheet (PDF) - Eudyna Devices Inc

FLM1011-12F Datasheet PDF - Eudyna Devices Inc
Part # FLM1011-12F
Download  FLM1011-12F Download
File Size   253.34 Kbytes
Page   4 Pages
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description X, Ku-Band Internally Matched FET

FLM1011-12F Datasheet (PDF)

Go To PDF Page Download Datasheet
FLM1011-12F Datasheet PDF - Eudyna Devices Inc

Part # FLM1011-12F
Download  FLM1011-12F Click to download

File Size   253.34 Kbytes
Page   4 Pages
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description X, Ku-Band Internally Matched FET

FLM1011-12F Datasheet (HTML) - Eudyna Devices Inc


FLM1011-12F Product details

DESCRIPTION
The FLM1011-12F is a power GaAs FET that is internally matched for standard communication bands to provide optimum power and gain in a 50 ohm system.
Eudyna’s stringent Quality Assurance Program assures the highest reliability and consistent performance.

FEATURES
• High Output Power: P1dB = 40.5dBm (Typ.)
• High Gain: G1dB = 6.0dB (Typ.)
• High PAE: ηadd = 25% (Typ.)
• Low IM3 = -45dBc@Po = 29.5dBm
• Broad Band: 10.7 ~ 11.7GHz
• Impedance Matched Zin/Zout = 50Ω
• Hermetically Sealed




Similar Part No. - FLM1011-12F

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLM1011-15F EUDYNA-FLM1011-15F Datasheet
202Kb / 5P
X,Ku-Band Internally Matched FET
More results


Similar Description - FLM1011-12F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLM8596-4F ETC1-FLM8596-4F Datasheet
305Kb / 4P
X, Ku-Band Internally Matched FET
logo
Eudyna Devices Inc
FLM0910-3F EUDYNA-FLM0910-3F Datasheet
311Kb / 4P
X, Ku-Band Internally Matched FET
FLM0910-8F EUDYNA-FLM0910-8F Datasheet
259Kb / 4P
X, Ku-Band Internally Matched FET
FLM1011-6F EUDYNA-FLM1011-6F Datasheet
298Kb / 4P
X, Ku-Band Internally Matched FET
FLM1011-20F EUDYNA-FLM1011-20F Datasheet
280Kb / 5P
X,Ku-Band Internally Matched FET
FLM1213-8F EUDYNA-FLM1213-8F Datasheet
298Kb / 4P
X, Ku-Band Internally Matched FET
FLM1213-12F EUDYNA-FLM1213-12F Datasheet
254Kb / 4P
X, Ku-Band Internally Matched FET
FLM1314-6F EUDYNA-FLM1314-6F Datasheet
300Kb / 4P
X, Ku-Band Internally Matched FET
FLM1414-6F EUDYNA-FLM1414-6F Datasheet
296Kb / 4P
X, Ku-Band Internally Matched FET
FLM1414-12F EUDYNA-FLM1414-12F Datasheet
252Kb / 4P
X, Ku-Band Internally Matched FET
More results




About Eudyna Devices Inc


Eudyna Devices Inc. is a semiconductor company that specializes in the design, development, and production of high-frequency, high-power, and high-reliability semiconductor devices. The company was founded in 1999 in Japan and has since expanded globally, with subsidiaries in the United States, Europe, and Asia.

Eudyna Devices Inc. produces a wide range of products, including microwave and millimeter-wave transistors, amplifiers, and diodes, which are used in various applications such as wireless communications, satellite broadcasting, and radar systems. The company's products are known for their high performance and reliability, and they are used by major companies in the telecommunications and defense industries.

In 2015, Eudyna Devices Inc. merged with Fujitsu Electronics Inc. to form the new company, Fujitsu Electronics Inc. The company continues to operate under the Fujitsu brand, and its products are marketed under the name Fujitsu RF Devices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com