Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMM5052ZE Datasheet (PDF) - Eudyna Devices Inc

FMM5052ZE Datasheet PDF - Eudyna Devices Inc
Part # FMM5052ZE
Download  FMM5052ZE Download
File Size   272.73 Kbytes
Page   4 Pages
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description MMIC Power Amplifier

FMM5052ZE Datasheet (PDF)

Go To PDF Page Download Datasheet
FMM5052ZE Datasheet PDF - Eudyna Devices Inc

Part # FMM5052ZE
Download  FMM5052ZE Click to download

File Size   272.73 Kbytes
Page   4 Pages
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description MMIC Power Amplifier

FMM5052ZE Datasheet (HTML) - Eudyna Devices Inc


FMM5052ZE Product details

DESCRIPTION
The FMM5052ZE is a MMIC power amplifier that includes a three-stage amplifier, internally matched, for broadband applications in the 0.8 to 2.7GHz frequency range. This product is uniquely suited for use in cellular, W-CDMA/PCS, MMDS, and WLL base station amplifiers as it offers high gain, long term reliability and ease of use.
Fujitsu’s stringent Quality Assurance Program assures the highest reliability and consistent performance.

FEATURES
• Wide Frequency Band: 0.8 to 2.7GHz
• Medium Power: P1dB=26dBm (Typ.) @ f=0.8 - 2.7GHz
• High Linear Gain: GL=19dB (Typ.) @ f=0.8 - 2.7GHz
• Impedance Matched Zin/Zout = 50Ω
• Wide Operating Temperature Range
• Small Size: SSOP-16 Plastic Package for SMT Applications




Similar Part No. - FMM5052ZE

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5051VF EUDYNA-FMM5051VF Datasheet
117Kb / 4P
13.75-14.5GHz Power Amplifier MMIC
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
Ku band Power Amplifier MMIC
FMM5054VF EUDYNA-FMM5054VF Datasheet
213Kb / 16P
Ku Band Power Amplifier MMIC
FMM5056VF EUDYNA-FMM5056VF Datasheet
318Kb / 8P
5.8-7.2GHz Power Amplifier MMIC
logo
Fuji Electric
FMM5057VF FUJI-FMM5057VF Datasheet
300Kb / 8P
7.1-8.5GHz Power Amplifier MMIC
More results


Similar Description - FMM5052ZE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMD1925-3 TOSHIBA-TMD1925-3 Datasheet
80Kb / 5P
MICROWAVE POWER MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5027VJ EUDYNA-FMM5027VJ Datasheet
114Kb / 4P
MMIC Power Amplifier
FMM5049VT EUDYNA-FMM5049VT Datasheet
173Kb / 4P
Power Amplifier MMIC
logo
Toshiba Semiconductor
TMD1414-2C TOSHIBA-TMD1414-2C Datasheet
43Kb / 2P
MICROWAVE POWER MMIC AMPLIFIER
TMD0305-2 TOSHIBA-TMD0305-2 Datasheet
73Kb / 2P
MICROWAVE POWER MMIC AMPLIFIER
TMD0507-2A TOSHIBA-TMD0507-2A Datasheet
100Kb / 2P
MICROWAVE POWER MMIC AMPLIFIER
TMD1013-1-431 TOSHIBA-TMD1013-1-431 Datasheet
44Kb / 2P
MICROWAVE POWER MMIC AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
GaAs MMIC Power Amplifier
MAAM71100 MA-COM-MAAM71100_15 Datasheet
792Kb / 4P
GaAs MMIC Power Amplifier
logo
Analog Devices
HMC1126 AD-HMC1126 Datasheet
332Kb / 16P
MMIC, Power Amplifier
Dec-2017
More results




About Eudyna Devices Inc


Eudyna Devices Inc. is a semiconductor company that specializes in the design, development, and production of high-frequency, high-power, and high-reliability semiconductor devices. The company was founded in 1999 in Japan and has since expanded globally, with subsidiaries in the United States, Europe, and Asia.

Eudyna Devices Inc. produces a wide range of products, including microwave and millimeter-wave transistors, amplifiers, and diodes, which are used in various applications such as wireless communications, satellite broadcasting, and radar systems. The company's products are known for their high performance and reliability, and they are used by major companies in the telecommunications and defense industries.

In 2015, Eudyna Devices Inc. merged with Fujitsu Electronics Inc. to form the new company, Fujitsu Electronics Inc. The company continues to operate under the Fujitsu brand, and its products are marketed under the name Fujitsu RF Devices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com