Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RX80N08 Datasheet (PDF) - List of Unclassifed Manufacturers

RX80N08 Datasheet PDF - List of Unclassifed Manufacturers
Part # RX80N08
Download  RX80N08 Download
File Size   538.29 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Silicon N Channel Power MOSFET

RX80N08 Datasheet (PDF)

Go To PDF Page Download Datasheet
RX80N08 Datasheet PDF - List of Unclassifed Manufacturers

Part # RX80N08
Download  RX80N08 Click to download

File Size   538.29 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Silicon N Channel Power MOSFET

RX80N08 Datasheet (HTML) - List of Unclassifed Manufacturers


RX80N08 Product details

Description
Trench power MOSFET technology
Fast switching speed
Low on-resistance
100% avalanche tested

Features
VDSS =80V
ID =80A
RDS(on)<8mΩ (VGS=10V)

Application
Switching application




Similar Part No. - RX80N08

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
RX8000 RFSOLUTIONS-RX8000 Datasheet
371Kb / 4P
Synthesised Radio Modules
logo
Epson Company
RX8010-SJ EPSON-RX8010-SJ Datasheet
276Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
RX8010SJ EPSON-RX8010SJ Datasheet
276Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
More results


Similar Description - RX80N08

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3592-01L FUJI-2SK3592-01L Datasheet
255Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3613-01 FUJI-2SK3613-01 Datasheet
116Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3646-01L FUJI-2SK3646-01L Datasheet
244Kb / 4P
N-CHANNEL SILICON POWER MOSFET
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK3771-01MR FUJI-2SK3771-01MR Datasheet
99Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3776-01 FUJI-2SK3776-01 Datasheet
108Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3677-01MR FUJI-2SK3677-01MR Datasheet
114Kb / 4P
N-CHANNEL SILICON POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com