Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KTM5030 Datasheet (PDF) - Kinetic Technologies.

KTM5030 Datasheet PDF - Kinetic Technologies.
Part # KTM5030
Download  KTM5030 Download
File Size   429.94 Kbytes
Page   6 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description USB Type-C / DisplayPort 1.4 MST Hub (DSC)

KTM5030 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTM5030 Datasheet PDF - Kinetic Technologies.

Part # KTM5030
Download  KTM5030 Click to download

File Size   429.94 Kbytes
Page   6 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description USB Type-C / DisplayPort 1.4 MST Hub (DSC)

KTM5030 Datasheet (HTML) - Kinetic Technologies.


KTM5030 Product details

Description
The KTM5030 is an advanced DisplayPort1.4a MST
hub with an integrated USB type-C de-multiplexer,
targeted primarily for Mobile Notebook accessory and
display applications. This device functions as a multistream
audio-video splitter and protocol converter with
an HDCP1.x/ HDCP2.3 repeater supporting both
compressed (DSC) and uncompressed AV streams.
KTM5030 has a DP alt-mode capable USB Type-C
Upstream Facing Port (UFP). The four high speed
lanes of UFP can receive DP1.4a MST audio-video
and USB3.2 Gen2 data streams simultaneously. The
input lane mapping is flexible and meets standard DP
or the USB Type-C connector with flip orientation
requirements. The incoming DP and USB signals are
de-multiplexed, retimed, and transmitted on the
Downstream Facing Ports (DFP). The KTM5030
consists of three AC coupled DP/DP++ or DC coupled
HDMI/DVI DFPs, each with four high-speed lanes and
one USB port with USB3.2 TX and RX pair. The
Stream Routing Logic in KTM5030 allows flexible
routing of incoming DP MST stream converted into any
combination of MST or SST streams on any of the DFP
video ports with link rate and lane count change
option. Also, the SST stream can be replicated on two
or more DFP ports. In addition, the DP SST stream
can be converted into a HDMI or DVI output (TMDS
signal format).
The combo receiver in KTM5030 supports all DP
standard data rates up to HBR3 (8.1 Gbps/lane) and
USB3.2 Gen1 (5.0 Gbps) and Gen2 (10.0 Gbps). The
dual mode (DP++) transmitters support DP standard
data rates up to 8.1 Gbps/lane and TMDS data rates
up to 6.0 Gbps/lane. The side-band channel uses 1.0
Mbps Manchester-coded AUX signaling for DP and
DDC signaling up to 100kbps for the HDMI interface.
KTM5030 is capable of processing up to six DP audiovideo
streams compressed or uncompressed. FEC
decoding and encoding is employed for the reliable
reception and transmission of DSC1.2a compressed
streams. These streams can be part of one single
large video timing or six independent video timings
from a single source with corresponding independent
multi-channel audio. The highest video timing per
stream and the number of streams transported is
limited by the DP1.4a and HDMI2.0 link bandwidth.
When the received DP MST stream is in DSC1.2a
compressed format, KTM5030 can decode the
streams (max two streams) or pass through to the
downstream sink or to another cascaded KTM5030
device. If a DP source sends an 8k4k60Hz
RGB/YCC444 DSC1.2a encoded video as four
4k2k60Hz MST, then two KTM5030 devices are
needed to decode all four streams. KTM5030 supports
both RGB 444 and YCC444/422/420 video pixel
encoding formats with a color depth up to 16 bpc (bits
per component or 48 bits per pixel). It has a pixel
processing unit capable of video pixel encoding format
conversion from RGB444 to YCC444 with bit depth
expansion and down scaling from YCC444 to
YCC422/420. Pixel format conversion along with
horizontal blanking expansion improves
interoperability and smooth rendering of CVT video
timings from a mobile PC on a consumer displays such
as TVs and projectors which supports only CEA
timings.
KTM5030 processes High Dynamic Range (HDR)
video content specified in BT601, BT709, BT2020,
BT2100 , Adobe RGB colorimetry format with the
proper metadata conversion from DP to HDMI. It also
offers secure reception and transmission of high
bandwidth digital audio and video content with
HDCP1.x or HDCP2.3 content protection. As a branch
device KTM5030 functions as a HDCP1.x and
HDCP2.3 repeater between the DP source and DP or
HDMI sink.
KTM5030 uses an external 25 MHz reference clock for
its operation. The reference clock can be generated
from a 25MHz crystal or from an external source. It has
a 300MHz ARM Cortex M3 CPU with on-chip
memories for code and data storage. The peripheral
subsystem includes SPI, UART (debug only), and I2C
master, slave interfaces. An internal Power-On Reset
(POR) circuit senses the voltage on the reset input and
provides the chip reset during system power-up. The
KTM5030 uses an external 16 Mbit SPI flash memory
for storing the RSA-2048 signed application firmware
with fail-safe recovery. At boot up, the CPU goes
through a secure boot process authenticating the
application code image stored in the SPI flash. It
supports both standard mode and quad mode SPI
operation. Firmware update for the SPI flash is done
securely through the DP AUX_CH or I2C host
interface (Secure In-System-Programming).

Features
• USB Type-C DisplayPort Alt-mode de-mux
 Simultaneous USB3.2 Gen2 and 2 lanes DP1.4a
input OR 4 lanes DP1.4a input
 Flip option for connector plug orientation
 DP lane swap and polarity swap
• DisplayPort® (DP) ver.1.4a compliant receiver
 Link rate 1.62 / 2.74 / 5.4 / 8.1Gbps
 1, 2, or 4 lanes configuration
 MST up to 6 streams (compressed /uncompressed)
 FEC Decode
 DSC Transport & Decode
 AUX CH 1 Mbps
 HPD_OUT
 Adaptive receiver equalization
 TPS4 EQ Phase LT support
 Scrambling of main link data
 De-spreading of link frequency
 Video Stream Handling
■ RGB/ YCC 444/422/420 pixel format up to 16
bpc
■ Up to 1080 Mpix/sec dual pixel path
 DPCD
■ DPCD data structure revision 1.4
■ DSC support capability & control
■ FEC capability & control
■ SST Split SDP capability
■ VSC_EXT_SDP for VESA & CTA
■ Protocol converter capability & control
■ Virtual DP Peer Device capability & control
■ CEC tunneling over AUX
 Chainable SDP packets (2KB or more metadata
per stream)
 Adaptive Sync SDP
 PPS SDPAudio stream handling
■ Non-HBR Compressed Formats
• 2/8 ch layouts
• Up to 192kHz sample rates
• Dolby Digital, Digital+, Atmos
 HBR Audio Formats
■ 8 ch layout
■ Up to 1536kHz sample rates
■ Dolby TrueHD, Atmos, DTS Master
■ LPCM Formats
■ 2/8/16/32 Ch
■ Up to 192kHz sample rates
■ 3D LPCM, speaker allocation & mapping
 OneBit DSD Formats
■ 2/8 ch
■ Single & Double Rate
■ 12288 kHz sample rates
 DST DSD Formats
■ Single/Double rate
■ Up to 22579.2kHz
 Audio InfoFrame/ ACP/ ISRC/ Audio Metadata DI
packets
• Triple DP1.4a / HDMI2.0b (DP++) transmitters
 DP mode
■ Lane count, Link rate conversion
■ Link rate 1.62 / 2.74 / 5.4 / 8.1Gbps
■ 1, 2, or 4 lanes configuration
■ DSC stream transport with FEC Encode
■ MST up to 6 streams (compressed /
uncompressed)
■ AUX CH 1 Mbps
■ 3.3V HPD_IN
 HDMI mode
■ TX1 & TX3: VML AC coupled HDMI
■ TX2: CML DC-coupled HDMI
■ No External Level shifters needed
■ 600 MHz maximum TMDS character clock
■ TMDS character-clock divide_by_4 mode
■ HPD_IN (5V Tolerant)
■ DDC CH (5V Tolerant)
• HDMI 2.1 Features
 Through 6GHz TMDS Mode
 Supports 4k120Hz,4:2:0, 8bpc with Adaptive Sync
to VRR conversion
 Dynamic HDR Metadata through Extended
Metadata Packet
 Supports VRR, FVA, QMS, QFT, ALLM
 Scrambler for DP/HDMI output
 Programmable signal amplitude and edge rate
control
 Programmable pre-emphasis control
 Pixel format RGB / YCC 444/422/420
 Deep color up to 16 bits per color
 3D video timings
 CEC support – snooping, tunneling
 SCDC read request handling
 Metadata handling
 Conversion to DVI output
 Link power management
• USB3.2 compliant re-timer
 5Gbps and 10Gbps support
 Spread spectrum clocking
 LFPS polling and processing
 Lane polarity inversion
 Bit level re-timer for SS mode
 SRIS (Separate Reference Clock Independent
SSC) for SSP mode
 Adaptive Receiver Equalization
 Multi-tap FIR EQ Transmitter Emphasis
• Video processing
 MST to SST conversions or pass-through
 SST lef-right separation
 Color space conversion from RGB to YCC
 Colorimetry support: BT2020, BT709, BT601, and
Adobe RGB
 Color bit depth expansion (10 to 12 bits) 16 bits per
color pass through
 DP to HDMI Stereoscopic 3D Transport
 Frame sequential to stacked top-bottom conversion
 Pass through of other 3D formats
 Programmable coefficient 3x3 matrix
■ Programmable input offset
■ Programmable output offset
■ Programmable output clipping levels
 Chroma down sampling
■ 5-tap H & V FIR filters with programmable
coefficients
■ 12 bits per color input width
■ 12 bits per color output width
■ YCbCr444 to YCbCr420 conversion
■ YCbCr444 to YCbCr422 conversion
 Pass through for YCbCr444/422/420
 Dual DSC1.2A stream decoding
 1/2/4 Slice DSC1.2Aa RGB/YCC444/422/420 10-b
format support
 FEC decoding / encoding
 Video Horizontal blanking expansion
 Pixel stream de-skewing
 Adaptive Sync Video
• Max video resolution and color depth on DP output
uncompressed
■ 5K3K60Hz, RGB/YCbCr444, 8 bpc
■ 8K4K60Hz, YCbCr420 up to 8 bpc
■ 4K2K120Hz, RGB/YCbCr444, 8 bpc
• Max video resolution and color depth on DP output
compressed (DSC)
■ 8K4K60Hz, RGB/YCC444 up to 8 bpc
■ 5K3K60Hz, RGB/YCbCr444, 12 bpc
■ 4x 4K2K60Hz, RGB/YCbCr444, 8 bpc
• Max video resolution and color depth on HDMI TX
■ 4Kp60Hz, RGB/YCbCr444, 8 bpc
■ 4Kp60Hz, YCbCr420, up to 16 bpc
■ 4Kp30Hz, RGB/YCbCr444, up to 16 bpc
• Audio processing
 Audio stream forwarding from DP RX to HDMI TX
 Conversion to I2S or TDM audio output (8 CH)
 Conversion to SPDIF audio output (2CH)
• HDCP support
 HDCP1.3 to HDCP1.4 Repeater function
 HDCP2.3 to HDCP1.4 Repeater function
 HDCP2.3 to HDCP2.3 Repeater function
 Read- protected embedded HDCP keys
• Enhanced security
 Encrypted on-chip key storage
 RSA-2048bit signed application firmware
 Secure Boot & In-system Programming
 Test, debug ports deactivation
• Metadata handling
 HDMI TX DVI/HDMI mode setting (DPCD register)
 YCbCr444-420 conversion (DPCD register)
 IEC60958 BYTE3 channel status overwrite
 CTA861G INFO FRAME generation
 CTA861.3 HDR and Mastering InfoFrame
 Chainable VSC_EXT SDP packing format
• ARM processor and peripheral controllers
 ARM Cortex M3 core
 SPI controller
 I2C master, slave controller
 On-Chip, RAM, ROM, OTP
• Device configuration options
 Application FW stored in SPI flash
 AUX CH, I2C host interface
• Internal video pattern generator
 Configurable through vendor specific DPCD
registers
• EMI reduction support
 Spread spectrum for DP input, output
 Scrambler for DP and HDMI outputs
• Low power operation
 860mW nominal operation with retimer
 700mW nominal operation without retimer
 Under 10mW Standby operation
• ESD specification
 ESD: ±2kV HBM, 500 V CDM
• Package
 289 LFBGA (12 x 12mm)
 Halogen free Halogen free RoHS and Green
Compliant
• Power supply voltages
 1.8V Analog and I/O, 0.95V Analog and core




Similar Part No. - KTM5030

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
KTM5030 KINETIC-KTM5030 Datasheet
260Kb / 6P
USB Type-C / DisplayPort 1.4 MST Hub (DSC)
February 2022 - Revision 04b
KTM5030B0 KINETIC-KTM5030B0 Datasheet
260Kb / 6P
USB Type-C / DisplayPort 1.4 MST Hub (DSC)
February 2022 - Revision 04b
KTM5030B0T KINETIC-KTM5030B0T Datasheet
260Kb / 6P
USB Type-C / DisplayPort 1.4 MST Hub (DSC)
February 2022 - Revision 04b
More results


Similar Description - KTM5030

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B156002 TRIPPLITE-B156002 Datasheet
509Kb / 3P
2-Port DisplayPort 1.2 Multi-Stream Transport (MST) Hub, 3840 x 2160 4Kx2K UHD
B156-004-HD-V2 TRIPPLITE-B156-004-HD-V2 Datasheet
520Kb / 3P
4-Port DisplayPort 1.2 to HDMI Multi-Stream Transport (MST) Hub, 3840 x 2160
U444-06N-DU-C TRIPPLITE-U444-06N-DU-C Datasheet
512Kb / 2P
USB 3.1 Gen 1 USB-C to DVI DisplayPort Alternate Mode External Video Adapter with USB-A Hub and USB-C Charging Port
U444-06N-VU-C TRIPPLITE-U444-06N-VU-C Datasheet
514Kb / 2P
USB 3.1 Gen 1 USB-C to VGA DisplayPort Alternate Mode External Video Adapter with USB-A Hub and USB-C Charging Port
B155-004-DP-V2 TRIPPLITE-B155-004-DP-V2 Datasheet
512Kb / 3P
4-Port Mini DisplayPort 1.2 to DisplayPort Multi-Stream Transport (MST) Hub, 3840 x 2160 (4Kx 2K) UHD
U444-06N-HVDPW TRIPPLITE-U444-06N-HVDPW Datasheet
165Kb / 3P
USB-C to HDMI/DisplayPort/VGA Adapter - USB 3.1 Gen 1, Thunderbolt 3 Compatible, Ultra HD 4K, MST, White
logo
IOGEAR
GDP14RPT IOGEAR-GDP14RPT Datasheet
150Kb / 2P
DisplayPort 1.4 8K Repeater
GDPSP2 IOGEAR-GDPSP2 Datasheet
178Kb / 3P
2-Port DisplayPort 1.2 Cinema 4K Splitter & Multi-Monitor MST Hub
GDPSP2KIT IOGEAR-GDPSP2KIT Datasheet
142Kb / 2P
2-Port DisplayPort 1.2 Cinema 4K Splitter & Multi-Monitor MST Hub w/Cables Kit
logo
Kinetic Technologies.
KTM5000 KINETIC-KTM5000 Datasheet
260Kb / 6P
USB Type-C / DisplayPort 1.4 MST Hub (DSC)
February 2022 - Revision 04b
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com