Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FGH60N60SMD Datasheet (PDF) - ON Semiconductor

FGH60N60SMD Datasheet PDF - ON Semiconductor
Part # FGH60N60SMD
Download  FGH60N60SMD Download
File Size   488.41 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description IGBT - Field Stop 600 V, 60 A

FGH60N60SMD Datasheet (PDF)

Go To PDF Page Download Datasheet
FGH60N60SMD Datasheet PDF - ON Semiconductor

Part # FGH60N60SMD
Download  FGH60N60SMD Click to download

File Size   488.41 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description IGBT - Field Stop 600 V, 60 A

FGH60N60SMD Datasheet (HTML) - ON Semiconductor


FGH60N60SMD Product details

Description
Using novel field stop IGBT technology, ON Semiconductor’s new
series of field stop 2nd generation IGBTs offer the optimum
performance for solar inverter, UPS, welder, telecom, ESS and PFC
applications where low conduction and switching losses are essential.

Features
• Maximum Junction Temperature: TJ = 175°C
• Positive Temperature Co−efficient for easy Parallel Operating
• High Current Capability
• Low Saturation Voltage: VCE(sat) = 1.9 V (Typ.) @ IC = 60 A
• High Input Impedance
• Fast Switching: EOFF = 7.5 uJ/A
• Tightened Parameter Distribution
• This Device is Pb−Free and is RoHS Compliant

Applications
• Solar Inverter, UPS, Welder, PFC, Telecom, ESS




Similar Part No. - FGH60N60SMD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH60N60SMD FAIRCHILD-FGH60N60SMD Datasheet
397Kb / 10P
600V, 60A Field Stop IGBT
More results


Similar Description - FGH60N60SMD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH40N60SFDTU FAIRCHILD-FGH40N60SFDTU Datasheet
291Kb / 9P
600 V, 40 A Field Stop IGBT
FGH20N60UFD FAIRCHILD-FGH20N60UFD_13 Datasheet
282Kb / 9P
600 V, 20 A Field Stop IGBT
FGH20N60UFDTU FAIRCHILD-FGH20N60UFDTU Datasheet
282Kb / 9P
600 V, 20 A Field Stop IGBT
FGAF20N60SMD FAIRCHILD-FGAF20N60SMD Datasheet
960Kb / 10P
600 V, 20 A Field Stop IGBT
FGAF40N60SMD FAIRCHILD-FGAF40N60SMD Datasheet
971Kb / 10P
600 V, 40 A Field Stop IGBT
FGH40N60UFTU FAIRCHILD-FGH40N60UFTU Datasheet
308Kb / 8P
600 V, 40 A Field Stop IGBT
logo
ON Semiconductor
FGH40N60SMD-F085 ONSEMI-FGH40N60SMD-F085 Datasheet
375Kb / 10P
IGBT - Field Stop 600 V, 40 A
February, 2020 ??Rev. 4
FGH20N60SFDTU ONSEMI-FGH20N60SFDTU Datasheet
812Kb / 9P
IGBT - Field Stop 600 V, 20 A
February, 2020 - Rev. 3
FGH60N60SFDTU-F085 ONSEMI-FGH60N60SFDTU-F085 Datasheet
475Kb / 9P
IGBT - Field Stop 600 V, 60 A
February, 2020 - Rev. 3
logo
Fairchild Semiconductor
FGH60N60SFD FAIRCHILD-FGH60N60SFD_V01 Datasheet
418Kb / 9P
600 V, 60 A Field Stop IGBT
Rev. 1.4 March 2015
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com