Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VSHB0754T Datasheet (PDF) - Shenzhen Codaca Electronic Co.,Ltd

VSHB0754T Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd
Part # VSHB0754T
Download  VSHB0754T Download
File Size   879.47 Kbytes
Page   5 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description Molding Power Choke

VSHB0754T Datasheet (PDF)

Go To PDF Page Download Datasheet
VSHB0754T Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd

Part # VSHB0754T
Download  VSHB0754T Click to download

File Size   879.47 Kbytes
Page   5 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description Molding Power Choke

VSHB0754T Datasheet (HTML) - Shenzhen Codaca Electronic Co.,Ltd


VSHB0754T Product details

Outline:
▪ AEC-Q200 compliant
▪ Magnetic shielded structure:excellent resistance to electro
Magnetic interference (EMI)
▪ A composite structure,ultra low buzz noise
▪ Low loss,high efficiency,wide application frequency

Features:
▪ Core material: Alloy powder
▪ Core and winding loss:
See www.codaca.com/en/PowerInductorLossComparison
▪ Enviromental:RoHS,Reach compliant ,Halogen free
▪ Weight:1.65g
▪ Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at 5~40℃, RH≤ 70% relative humidity).
▪ Operating temperature range: -55℃~+165℃
(including coil’s self temperature rise)
▪ Storage temperature range: -55℃~+165℃

Application:
▪ Engine and transmission control units.
▪ Diesel injection drivers
▪ Noise suppresion for motors:windshield wipers/power seats/Power
Mirrors/heating and ventilation blower/ HID lighting




Similar Part No. - VSHB0754T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSH VISHAY-VSH Datasheet
133Kb / 4P
Bulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 %
27-Aug-08
logo
VBsemi Electronics Co.,...
VSH160N10MS VBSEMI-VSH160N10MS Datasheet
459Kb / 9P
N-Channel 100 V (D-S) MOSFET
logo
Connor-Winfield Corpora...
VSH31012 CONNOR-WINFIELD-VSH31012 Datasheet
65Kb / 1P
SURFACE MOUNT HCMOS VCXO
VSH31015 CONNOR-WINFIELD-VSH31015 Datasheet
65Kb / 1P
SURFACE MOUNT HCMOS VCXO
VSH31022 CONNOR-WINFIELD-VSH31022 Datasheet
65Kb / 1P
SURFACE MOUNT HCMOS VCXO
More results


Similar Description - VSHB0754T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHSC ETC2-MHSC Datasheet
335Kb / 6P
Molding Power Choke
logo
Shenzhen Codaca Electro...
VSEB0530H CODACA-VSEB0530H Datasheet
746Kb / 5P
Molding Power Choke
07/14/2020
VSEB0730H CODACA-VSEB0730H Datasheet
752Kb / 5P
Molding Power Choke
07/14/2020
CSAB0750 CODACA-CSAB0750 Datasheet
975Kb / 10P
Molding Power Choke
07/14/2020
CSAB1030A CODACA-CSAB1030A Datasheet
1Mb / 10P
Molding Power Choke
07/14/2020
CSAB1040A CODACA-CSAB1040A Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
CSAB1250A CODACA-CSAB1250A Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
CSAB107050 CODACA-CSAB107050 Datasheet
707Kb / 5P
Molding Power Choke
07/14/2020
CSAB1265A CODACA-CSAB1265A Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
CSAC0530 CODACA-CSAC0530 Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com