Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC32168FTG Datasheet (PDF) - Toshiba Semiconductor

TC32168FTG Datasheet PDF - Toshiba Semiconductor
Part # TC32168FTG
Download  TC32168FTG Download
File Size   1354.17 Kbytes
Page   91 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 5.8 GHz RF Transceiver for ETC including Modem/Wakeup

TC32168FTG Datasheet (PDF)

Go To PDF Page Download Datasheet
TC32168FTG Datasheet PDF - Toshiba Semiconductor

Part # TC32168FTG
Download  TC32168FTG Click to download

File Size   1354.17 Kbytes
Page   91 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 5.8 GHz RF Transceiver for ETC including Modem/Wakeup

TC32168FTG Datasheet (HTML) - Toshiba Semiconductor


TC32168FTG Product details

2. Application
This IC can be used for ETC systems whose bit rate is 256 kbps or 512 kbps.

3. Features
• Low current consumption
• Fast boot sequence (Refer to Electrical Characteristics for details.)
• Small package: P-VQFN32-0505-0.50-002, 5.0 mm × 5.0 mm square
• Including Wakeup function
• Including Modem functions (Addition of CRC, Postamble, or Preamble is available.)
 Modem mode: Data transmission through the internal modem
 Direct mode: Data transmission or reception through INTRPT/DIO pin is available.
• MLFF (Multi-Lane Free Flow) is supported.
 Boot control from MCU through CE pin
 Auto-wakeup function using an auto-boot sequence is selectable.
• Including IF filter
 High selection performance for a reception signal using the internal IF filter
• IC control from dedicated pins
 Fast boot sequence from Sleep mode using CE pin
 Fast switching between TX (Transmission) and RX (Reception) using TXRX pin
 Switching between TX and RX can be also done by using SPI (Serial Peripheral Interface) bus
• IC control from SPI bus
 Wakeup detection settings
 Setting of a cycle number of the output pulses
 Wakeup routine setting
 Internal frequency settings (PLL frequency synchronizer); PLL = Phase Locked Loop
 Transmission frequency setting
 Reception frequency setting
 Modem function setting
 Switching between Modem mode and Direct mode




Similar Part No. - TC32168FTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC32169FTG TOSHIBA-TC32169FTG Datasheet
1Mb / 91P
5.8 GHz RF Transceiver for ETC including Modem/Wakeup
2017-09-19 Ver. 1
logo
Telink
TC3216CE10T48R TELINK-TC3216CE10T48R Datasheet
4Mb / 183P
Datasheet for Telink Bluetooth LE SoC TC321x
Ver 0.8.1
logo
Productwell Precision E...
TC3216D-201M PRODUCTWELL-TC3216D-201M Datasheet
129Kb / 4P
TOROID INDUCTORS
TC3216D-301M PRODUCTWELL-TC3216D-301M Datasheet
129Kb / 4P
TOROID INDUCTORS
More results


Similar Description - TC32168FTG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
2.4 GHZ RF TRANSCEIVER
logo
ATMEL Corporation
ATR2808 ATMEL-ATR2808 Datasheet
188Kb / 3P
2.9/5.8 GHz WDCET/ISM SINGLE-CHIP TRANSCEIVER
ATR2808 ATMEL-ATR2808_06 Datasheet
241Kb / 3P
2.9/5.8 GHz WDCET/ISM Single-chip Transceiver
logo
ELMOS Semiconductor AG
E910.55 ELMOS-E910.55 Datasheet
183Kb / 2P
FlexRay??Transceiver With Wakeup
logo
ATMEL Corporation
ATR2820 ATMEL-ATR2820 Datasheet
111Kb / 4P
Low IF WDCT 5.8 GHz Transceiver
logo
Transcom, Inc.
TC3531 TRANSCOM-TC3531 Datasheet
83Kb / 3P
5.8 GHz 1W MMIC
logo
ATMEL Corporation
ATR2820 ATMEL-ATR2820_08 Datasheet
157Kb / 4P
Low IF WDCT 5.8 GHz Transceiver
logo
RF Monolithics, Inc
TRC104 RFM-TRC104 Datasheet
1,023Kb / 33P
2.4 GHz RF Transceiver
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
2.4 GHz RF Transceiver
logo
Toshiba Semiconductor
TC32169FTG TOSHIBA-TC32169FTG Datasheet
1Mb / 91P
5.8 GHz RF Transceiver for ETC including Modem/Wakeup
2017-09-19 Ver. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com