Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC35661SBG-501 Datasheet (PDF) - Toshiba Semiconductor

TC35661SBG-501 Datasheet PDF - Toshiba Semiconductor
Part # TC35661SBG-501
Download  TC35661SBG-501 Download
File Size   474.62 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TC35661SBG-501 Bluetooth™ IC Embedded Profile Series

TC35661SBG-501 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC35661SBG-501 Datasheet PDF - Toshiba Semiconductor

Part # TC35661SBG-501
Download  TC35661SBG-501 Click to download

File Size   474.62 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TC35661SBG-501 Bluetooth™ IC Embedded Profile Series

TC35661SBG-501 Datasheet (HTML) - Toshiba Semiconductor


TC35661SBG-501 Product details

1. General Description
1.1 Product Concept
TC35661SBG-501 is a 1-chip CMOS LSI for Bluetooth™ communication, which includes an RF analog part and a Base band
digital part. TC35661 provides Bluetooth™ SPP (Serial Port Profile) function, GATT(Generic Attribute Profile) function, and LE(Low
Energy) function specified in Bluetooth™ Specifications.

1.2 Features
 EEPROM Interface
 I2C interface
 Host CPU Interface
 UART interface: Baud rate from 2.4kbps to 4.33Mbps
 General Purpose I/O (GPIO) with pull-up and pull-down resistors (19 pins)
 Wake-up Interface
 Wake-up input function and remote wake-up output function
 Supports Sleep Clock
 Internal divider for base action clock
 Supports external input
 Internal Sleep function
 LED Switching Function
 Power Supply: Single 1.8 3.6V
 Package
 P-TFBGA64-0505-0.5 [64balls, 5x5 mm, 0.5 mm pitch, 1.2 mm height]
Figure 1-1 Bluetooth™ stack in TC35661SBG-501
Phisical Layer
HCI
SDP




Similar Part No. - TC35661SBG-501

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC35661SBG-503 TOSHIBA-TC35661SBG-503 Datasheet
841Kb / 64P
TC35661SBG/DBG-503 Bluetooth® IC ROM Profile Series
2016-12-20 Rev. 1.0
More results


Similar Description - TC35661SBG-501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMS001 ETC2-AMS001 Datasheet
1Mb / 29P
Embedded Bluetooth Low Energy Solutions
logo
Silicon Laboratories
AMS001-E03 SILABS-AMS001-E03 Datasheet
1Mb / 29P
Embedded Bluetooth Low Energy Solutions
AMS002-E03 SILABS-AMS002-E03 Datasheet
1Mb / 29P
Embedded Bluetooth Low Energy Solutions
logo
Toshiba Semiconductor
TC35661DBG-203 TOSHIBA-TC35661DBG-203 Datasheet
833Kb / 63P
TC35661SBG/DBG-203 Bluetooth® IC ROM Profile Series
2017-02-22 Rev 1.02
TC35661DBG-503 TOSHIBA-TC35661DBG-503 Datasheet
841Kb / 64P
TC35661SBG/DBG-503 Bluetooth® IC ROM Profile Series
2016-12-20 Rev. 1.0
TC35661IDBG-203 TOSHIBA-TC35661IDBG-203 Datasheet
801Kb / 61P
TC35661IDBG-203 Bluetooth® IC ROM Profile Series
2017-02-22 Rev. 1.0
TC35661IDBG-503 TOSHIBA-TC35661IDBG-503 Datasheet
694Kb / 62P
TC35661IDBG-503 Bluetooth® IC ROM Profile Series
2017-07-03 Rev. 1.0
TC35661SBG-009 TOSHIBA-TC35661SBG-009 Datasheet
787Kb / 56P
TC35661SBG-009 Bluetooth® HCI IC
2017-01-13 Rev 1.01
TC35661SBG-551 TOSHIBA-TC35661SBG-551 Datasheet
796Kb / 61P
TC35661SBG-551 Bluetooth® IC ROM Profile Series
2017-01-05 Rev. 1.0
TC35670FTG TOSHIBA-TC35670FTG Datasheet
425Kb / 16P
TC35670FTG Bluetooth™ LE NFC-Tag IC
November 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com