Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC78H670FTG Datasheet (PDF) - Toshiba Semiconductor

TC78H670FTG Datasheet PDF - Toshiba Semiconductor
Part # TC78H670FTG
Download  TC78H670FTG Download
File Size   1456.1 Kbytes
Page   42 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Clock-in and Serial controlled Bipolar Stepping Motor Driver

TC78H670FTG Datasheet (PDF)

Go To PDF Page Download Datasheet
TC78H670FTG Datasheet PDF - Toshiba Semiconductor

Part # TC78H670FTG
Download  TC78H670FTG Click to download

File Size   1456.1 Kbytes
Page   42 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Clock-in and Serial controlled Bipolar Stepping Motor Driver

TC78H670FTG Datasheet (HTML) - Toshiba Semiconductor


TC78H670FTG Product details

2. Features
• Built-in Dual H Bridges, Capable of controlling 1 bipolar stepping motor
• PWM controlled constant-current drive
• Power supply operating voltage: 2.5 V to 16.0 V
• Output current ratings: 2.0 A (max)
• Low on-resistance (High + Low side = 0.48 Ω (typ.)) MOSFET output stage
• Allows full, half, quarter, 1/8, 1/16, 1/32, 1/64, 1/128 step operation
• Built-in Sense resistor less current control architecture (Advanced Current Detection System)
• Multi error detect functions (Thermal shutdown (TSD), Over current (ISD), motor load open (OPD)
and Under voltage lockout(UVLO))
• Error detection (TSD/ISD/OPD) flag output function
• Built-in VCC regulator for internal circuit
• Chopping frequency of a motor can be adjusted by external resistor
• Small QFN package with thermal pad (16pin)




Similar Part No. - TC78H670FTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC78H600FNG TOSHIBA-TC78H600FNG Datasheet
482Kb / 23P
DUAL-BRIDGE DRIVER IC FOR DC MOTORS
2012-09-05
TC78H600FTG TOSHIBA-TC78H600FTG Datasheet
482Kb / 23P
DUAL-BRIDGE DRIVER IC FOR DC MOTORS
2012-09-05
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
DUAL H-BRIDGE DRIVER IC
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
DUAL H-BRIDGE DRIVER IC
2017-04-10
TC78H620FNG TOSHIBA-TC78H620FNG Datasheet
519Kb / 15P
DUAL-BRIDGE DRIVER IC
2016-11-28
More results


Similar Description - TC78H670FTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB67S103AFTG TOSHIBA-TB67S103AFTG Datasheet
1Mb / 39P
Serial-in controlled Bipolar Stepping Motor Driver
TB67S105FTG TOSHIBA-TB67S105FTG Datasheet
1Mb / 30P
8bit Serial controlled bipolar stepping motor driver
TB67S145FTG TOSHIBA-TB67S145FTG Datasheet
1Mb / 28P
Serial controlled unipolar stepping motor driver
TB67S215FTAG TOSHIBA-TB67S215FTAG Datasheet
892Kb / 23P
PWM method CLOCK-IN Bipolar stepping motor driver
TB67S269FTG TOSHIBA-TB67S269FTG Datasheet
1Mb / 29P
CLOCK-in controlled Bipolar Stepping Motor Driver
TB67S128FTG TOSHIBA-TB67S128FTG Datasheet
1Mb / 47P
CLOCK-in and Serial controlled Bipolar Stepping Motor Driver
TB67S109AFTG TOSHIBA-TB67S109AFTG Datasheet
570Kb / 32P
CLOCK-in controlled Bipolar Stepping Motor Driver
TB62213AHQ TOSHIBA-TB62213AHQ Datasheet
466Kb / 22P
PHASE-in controlled Bipolar Stepping Motor Driver IC
2015-07-10
TB62262FTAG TOSHIBA-TB62262FTAG Datasheet
542Kb / 21P
CLK-in controlled Bipolar Stepping Motor Driver
2017-02-17
TB67S102AFG TOSHIBA-TB67S102AFG Datasheet
1Mb / 29P
CLOCK-in controlled Bipolar Stepping Motor Driver
2013-11-05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com