Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC7SB3157CFU Datasheet (PDF) - Toshiba Semiconductor

TC7SB3157CFU Datasheet PDF - Toshiba Semiconductor
Part # TC7SB3157CFU
Download  TC7SB3157CFU Download
File Size   212.82 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

TC7SB3157CFU Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7SB3157CFU Datasheet PDF - Toshiba Semiconductor

Part # TC7SB3157CFU
Download  TC7SB3157CFU Click to download

File Size   212.82 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

TC7SB3157CFU Datasheet (HTML) - Toshiba Semiconductor


TC7SB3157CFU Product details

1. Functional Description
• Single 1-of-2 Multiplexer/Demultiplexer
2. General
The TC7SB3157CFU is a high-speed CMOS single 1-of-2 multiplexer/demultiplexer. The low ON resistance of
the switch allows connections to be made with minimal propagation delay time.
This device is 1 to 2 multiplexer/demultiplexer controlled by the select input (S). The A input is connected to B1
or B2 output based on the selection of Control input (S).
All inputs are equipped with protection circuits against static discharge.
3. Features
(1) AEC-Q100 (rev.H) Grade 1 qualified (Note 1)
(2) Wide operating temperature range: Topr = -40 to 125 (Note 2)
(3) Operating voltage: VCC = 1.65 to 5.5 V
(4) ON capacitance: CI/O = 15 pF Switch On (typ.) @VCC = 5.0 V
(5) ON resistance: RON = 4 Ω (typ.) @VCC = 4.5 V, VIS = 0 V
(6) Package: US6
Note 1: This device is compliant with the reliability requirements of AEC-Q100. For details, contact your Toshiba sales
representative.
Note 2: For devices with the ordering part number ending in (CT. Topr = -40 to 85 for the other devices.




Similar Part No. - TC7SB3157CFU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SB3157DL6X TOSHIBA-TC7SB3157DL6X Datasheet
213Kb / 9P
CMOS Digital Integrated Circuits Silicon Monolithic
2021-09-07 Rev.3.0
More results


Similar Description - TC7SB3157CFU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
19-Oct-2007
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
18-Aug-2016
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
13-Sep-2022
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
21-Oct-2022
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
21-Oct-2022
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
04-Oct-2022
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com