Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LQH2HPN4R7MGR Datasheet (PDF) - Murata Manufacturing Co., Ltd

LQH2HPN4R7MGR Datasheet PDF - Murata Manufacturing Co., Ltd
Part # LQH2HPN4R7MGR
Download  LQH2HPN4R7MGR Download
File Size   433.02 Kbytes
Page   4 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design

LQH2HPN4R7MGR Datasheet (PDF)

Go To PDF Page Download Datasheet
LQH2HPN4R7MGR Datasheet PDF - Murata Manufacturing Co., Ltd

Part # LQH2HPN4R7MGR
Download  LQH2HPN4R7MGR Click to download

File Size   433.02 Kbytes
Page   4 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design

LQH2HPN4R7MGR Datasheet (HTML) - Murata Manufacturing Co., Ltd


LQH2HPN4R7MGR Product details

When rated current is applied to the products,
inductance will be within ±30% of initial inductance
value range. Keep the temperature (ambient
temperature plus self-generation of heat) under
125°C. When rated current is applied to the
products, the temperature rise caused by selfgenerated
heat shall be limited to 40°C (at the
rated current under 85°C) or 20°C (at the rated
current under 105°C).




Similar Part No. - LQH2HPN4R7MGR

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HPN4R7MG0L MURATA-LQH2HPN4R7MG0L Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Similar Description - LQH2HPN4R7MGR

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HPN100MGR MURATA1-LQH2HPN100MGR Datasheet
425Kb / 4P
Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN101MGR MURATA1-LQH2HPN101MGR Datasheet
412Kb / 4P
Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN150MGR MURATA1-LQH2HPN150MGR Datasheet
429Kb / 4P
Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN150MJR MURATA1-LQH2HPN150MJR Datasheet
427Kb / 4P
Size Code 2520 (1008) in mm (in inch), 1.2mm max. Thickness. Low DC resistance design
11/22/2022
LQH2HPN1R0MGR MURATA1-LQH2HPN1R0MGR Datasheet
429Kb / 4P
Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN1R2NJR MURATA1-LQH2HPN1R2NJR Datasheet
423Kb / 4P
Size Code 2520 (1008) in mm (in inch), 1.2mm max. Thickness. Low DC resistance design
11/22/2022
LQH2HPN1R5MGR MURATA1-LQH2HPN1R5MGR Datasheet
417Kb / 4P
Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN220MGR MURATA1-LQH2HPN220MGR Datasheet
429Kb / 4P
Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN3R3MGR MURATA1-LQH2HPN3R3MGR Datasheet
422Kb / 4P
Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN4R7MJR MURATA1-LQH2HPN4R7MJR Datasheet
425Kb / 4P
Size Code 2520 (1008) in mm (in inch), 1.2mm max. Thickness. Low DC resistance design
11/22/2022
More results




About Murata Manufacturing Co., Ltd


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.

The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.

Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.

The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com