Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TH58BVG3S0HBAI6 Datasheet (PDF) - Toshiba Semiconductor

TH58BVG3S0HBAI6 Datasheet PDF - Toshiba Semiconductor
Part # TH58BVG3S0HBAI6
Download  TH58BVG3S0HBAI6 Download
File Size   2572.35 Kbytes
Page   54 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8 GBIT (1G × 8 BIT) CMOS NAND E2PROM

TH58BVG3S0HBAI6 Datasheet (PDF)

Go To PDF Page Download Datasheet
TH58BVG3S0HBAI6 Datasheet PDF - Toshiba Semiconductor

Part # TH58BVG3S0HBAI6
Download  TH58BVG3S0HBAI6 Click to download

File Size   2572.35 Kbytes
Page   54 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 8 GBIT (1G × 8 BIT) CMOS NAND E2PROM

TH58BVG3S0HBAI6 Datasheet (HTML) - Toshiba Semiconductor


TH58BVG3S0HBAI6 Product details

DESCRIPTION
The TH58BVG3S0HBAI6 is a single 3.3V 8Gbit (8,858,370,048 bits) NAND Electrically Erasable and
Programmable Read-Only Memory (NAND E2PROM) organized as (4096 + 128) bytes × 64 pages × 4096 blocks.
The device has a 4224-byte static register which allows program and read data to be transferred between the register
and the memory cell array in 4224-bytes increments. The Erase operation is implemented in a single block unit
(256 Kbytes + 8 Kbytes: 4224 bytes × 64 pages).
The TH58BVG3S0HBAI6 is a serial-type memory device which utilizes the I/O pins for both address and data
input/output as well as for command inputs. The Erase and Program operations are automatically executed making
the device most suitable for applications such as solid-state file storage, voice recording, image file memory for still
cameras and other systems which require high-density non-volatile memory data storage.
The TH58BVG3S0HBAI6 has ECC logic on the chip and 8bit read errors for each 528Bytes can be corrected
internally.

FEATURES
• Organization
x8
Memory cell array 4224 × 128K × 8 × 2
Register 4224 × 8
Page size 4224 bytes
Block size (256K + 8K) bytes
• Modes
Read, Reset, Auto Page Program, Auto Block Erase, Status Read, Page Copy,
Multi Page Read, Multi Page Program, Multi Block Erase, ECC Status Read
• Mode control
Serial input/output
Command control
• Number of valid blocks
Min 4016 blocks
Max 4096 blocks
• Power supply
VCC = 2.7V to 3.6V
• Access time
Cell array to register 55 μs typ. (Single Page Read) / 90 μs typ. (Multi Page Read)
Read Cycle Time 25 ns min (CL=50pF)
• Program/Erase time
Auto Page Program 340 μs/page typ.
Auto Block Erase 2.5 ms/block typ.
• Operating current
Read (25 ns cycle) 30 mA max
Program (avg.) 30 mA max
Erase (avg.) 30 mA max
Standby 100 μA max
• Package
P-VFBGA67-0608-0.80-001 (Weight: 0.101 g typ.)
• 8bit ECC for each 528Byte is implemented on the chip.




Similar Part No. - TH58BVG3S0HBAI6

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TH58BVG3S0HBAI4 TOSHIBA-TH58BVG3S0HBAI4 Datasheet
2Mb / 54P
8 GBIT (1G × 8 BIT) CMOS NAND E2PROM
2018-06-01C
More results


Similar Description - TH58BVG3S0HBAI6

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58NVG1S3ETA00 TOSHIBA-TC58NVG1S3ETA00 Datasheet
497Kb / 65P
2 GBIT (256M x 8 BIT) CMOS NAND E2PROM
TC58NVG2S3ETA00 TOSHIBA-TC58NVG2S3ETA00 Datasheet
499Kb / 70P
4 GBIT (512M x 8 BIT) CMOS NAND E2PROM
TC58NYG1S3EBAI5 TOSHIBA-TC58NYG1S3EBAI5 Datasheet
489Kb / 65P
MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 2 GBIT (256M 횞 8 BIT) CMOS NAND E2PROM
TH58NVG5S0FTA20 TOSHIBA-TH58NVG5S0FTA20 Datasheet
677Kb / 73P
32 GBIT (4G 횞 8 BIT) CMOS NAND E2PROM
TC58BVG2S0HBAI6 TOSHIBA-TC58BVG2S0HBAI6 Datasheet
2Mb / 53P
4 GBIT (512M × 8 BIT) CMOS NAND E2 PROM
2018-06-01C
TC58DVG3S0ETA00 TOSHIBA-TC58DVG3S0ETA00 Datasheet
621Kb / 73P
8 GBIT (1G × 8 BIT) CMOS NAND E2 PROM
2009-03-09C
TC58NVG2S0FTAI0 TOSHIBA-TC58NVG2S0FTAI0 Datasheet
527Kb / 71P
4 GBIT (512M × 8 BIT) CMOS NAND E2 PROM
2012-09-01
TH58BVG3S0HBAI4 TOSHIBA-TH58BVG3S0HBAI4 Datasheet
2Mb / 54P
8 GBIT (1G × 8 BIT) CMOS NAND E2PROM
2018-06-01C
TH58BVG3S0HTAI0 TOSHIBA-TH58BVG3S0HTAI0 Datasheet
2Mb / 54P
8 GBIT (1G × 8 BIT) CMOS NAND E2PROM
2018-06-01C
TH58BYG3S0HBAI4 TOSHIBA-TH58BYG3S0HBAI4 Datasheet
2Mb / 54P
8 GBIT (1G × 8 BIT) CMOS NAND E2PROM
2018-06-01C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com