Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMAX-5001 Datasheet (PDF) - Advantech Co., Ltd.

AMAX-5001 Datasheet PDF - Advantech Co., Ltd.
Part # AMAX-5001
Download  AMAX-5001 Download
File Size   517.9 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Smart Power Input Module with 4-ch DI

AMAX-5001 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMAX-5001 Datasheet PDF - Advantech Co., Ltd.

Part # AMAX-5001
Download  AMAX-5001 Click to download

File Size   517.9 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Smart Power Input Module with 4-ch DI

AMAX-5001 Datasheet (HTML) - Advantech Co., Ltd.


AMAX-5001 Product details

General
ƒƒ Certification CE, FCC class A
ƒƒ Connector Pluggable 4P+8P
push-in terminal
(#24~16 AWG)
ƒƒ Enclosure PC
ƒƒ Power Consumption 2W@24VDC
ƒƒ Protocol EtherCAT
ƒƒ Transmission Rate 100Mbps
ƒƒ LED Indicator PWR, RUN, Power
Diagnosis LED




Similar Part No. - AMAX-5001

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMAX-5001 ADVANTECH-AMAX-5001 Datasheet
2Mb / 2P
Intel® Core™ i7/i5/Celeron® Control IPC With EtherCAT Slice IO Expansion
19-Oct-2020
AMAX-5001 ADVANTECH-AMAX-5001 Datasheet
767Kb / 2P
Integrated PC-Based SoftPLC & SoftMotion CODESYS-Ready Edge Controller
23-Dec-2021
More results


Similar Description - AMAX-5001

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-3854 ADVANTECH-ADAM-3854 Datasheet
484Kb / 1P
4-ch Power Relay Module
BAS-3050 ADVANTECH-BAS-3050 Datasheet
526Kb / 1P
8-ch DI, 8-ch DO Expansion Module
ADAM-6266 ADVANTECH-ADAM-6266_14 Datasheet
1Mb / 2P
4-ch Relay Output Modbus TCP Module with 4-ch DI
DMU-3010 ADVANTECH-DMU-3010_15 Datasheet
248Kb / 1P
8-ch AI, 8-ch DI, 4-ch DO Ethernet I/O Module
DMU-5010 ADVANTECH-DMU-5010_14 Datasheet
212Kb / 1P
12-ch DI/O, 4-ch AI, 4-ch RTD Modbus TCP Module
ECU-1710A ADVANTECH-ECU-1710A_15 Datasheet
165Kb / 1P
Intel짰 Atom??D510 Controller with 16-ch AI, 4-ch AO and 32-ch Isolated DI/O
ADAM-3613-AE ADVANTECH-ADAM-3613-AE Datasheet
277Kb / 1P
4-ch RTD Input Module
ADAM-3617-AE ADVANTECH-ADAM-3617-AE Datasheet
289Kb / 1P
4-ch Analog Input Module
AMAX-5015 ADVANTECH-AMAX-5015 Datasheet
483Kb / 1P
4-ch RTD Input Module
3-Dec-2020
AMAX-5051T ADVANTECH-AMAX-5051T Datasheet
426Kb / 1P
8-ch DI module (2-ch w/ timestamp, 6-ch w/o timestamp)
20-Jul-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com