Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R1130H151H-T1-FE Datasheet (PDF) - Nisshinbo Micro Devices Inc.

R1130H151H-T1-FE Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # R1130H151H-T1-FE
Download  R1130H151H-T1-FE Download
File Size   1285.64 Kbytes
Page   22 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 300mA LDO REGULATOR

R1130H151H-T1-FE Datasheet (PDF)

Go To PDF Page Download Datasheet
R1130H151H-T1-FE Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # R1130H151H-T1-FE
Download  R1130H151H-T1-FE Click to download

File Size   1285.64 Kbytes
Page   22 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 300mA LDO REGULATOR

R1130H151H-T1-FE Datasheet (HTML) - Nisshinbo Micro Devices Inc.


R1130H151H-T1-FE Product details

FEATURES
• Supply Current .......................................................... Typ. 50μA
• Standby Current........................................................ Typ. 0.1μA (VR) for A type
• Ripple Rejection........................................................ Typ. 60dB (f=1kHz) (VR)
• Output Current .......................................................... Min. 300mA (VIN=VOUT+1V)
• Output Voltage Range............................................... 1.5V to 5.0V (0.1V steps)
Externally specified with the ADJUST pin
(Reference Voltage 1.8V : C Version)
(For other voltages, please refer to MARK INFORMATIONS.)
• Output Voltage Accuracy........................................... ±2.0%(VR) for A/B type,
±2.0% (Reference Voltage for adjustable VR) for C type
• Dropout Voltage ........................................................ Typ. 0.2V (IOUT=100mA) (VR)
• Temperature-drift Coefficient of Output Voltage ...... ±100ppm/°C
• Absolute Maximum Voltage ..................................... 9.0V
• Packages ................................................................. SOT-89-5, HSON-6 (Discontinued)
• Built-in Current Limit Circuit
• Internal Phase Compensation (small output capacitance such as 0.1μF Ceramic can be used with.)




Similar Part No. - R1130H151H-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1130H151H-T1-HE NISSHINBO-R1130H151H-T1-HE Datasheet
1Mb / 26P
300 mA LDO Regulator for Automotive Applications
More results


Similar Description - R1130H151H-T1-FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
300mA LDO Linear Regulator
logo
RICOH electronics devic...
R1131D081A RICOH-R1131D081A Datasheet
2Mb / 30P
Low Voltage 300mA LDO REGULATOR
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
300mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
300mA CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
300mA Dual LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
300mA LDO REGULATOR
April 1, 2012
R1161 RICOH-R1161 Datasheet
721Kb / 37P
3-MODE 300mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
LOW NOISE 300mA LDO REGULATOR
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
300mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com