Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PQU1000 Datasheet (PDF) - Murata Power Solutions Inc.

PQU1000 Datasheet PDF - Murata Power Solutions Inc.
Part # PQU1000
Download  PQU1000 Download
File Size   1697.28 Kbytes
Page   15 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 1000W 5" x 8" AC-DC “U” Channel Power Supply Converter

PQU1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQU1000 Datasheet PDF - Murata Power Solutions Inc.

Part # PQU1000
Download  PQU1000 Click to download

File Size   1697.28 Kbytes
Page   15 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 1000W 5" x 8" AC-DC “U” Channel Power Supply Converter

PQU1000 Datasheet (HTML) - Murata Power Solutions Inc.


PQU1000 Product details

DESCRIPTION
PQU1000 is a series of 1000W power supply converters, powered by wide range AC input, and offered in a compact 5" x 8" industry standard format. 1000W1 continuous output power can be achieved with forced convection, and up to an impressive 800W3, at +50°C with natural convection airflow. All variants are provided with constant current overload protection allowing operation with motors, solenoids, and high capacitance loads. Active current sharing supports connection of PQU1000 power modules in either non-redundant parallel, or parallel redundant deployments, whilst maintaining equal current share between modules.
The adjustable main output, standby/auxiliary, and fan outputs, plus PMBusTM Power Management Bus enable this series for deployment across multiple market sectors, complemented by safety certification applicable to medical, audio, video, communication and ITE standards.

FEATURES
• Compact high-density design with operation:
• Up to 800W4 natural convection
• 1000W with forced convection airflow at +50°C; no derating with input line voltage
• Optional cover kits available, with or without fan
• Voltage adjustment (-5%; +10%)2 of Main V1 Output
• +5VAux/Standby (V2) and 12V (V3) Fan outputs
• 5" x 8" (127mm x 203.2mm) industry standard footprint; “U” channel form factor with industry “standard” mounting footprints
• 39.97mm maximum overall “U” Channel height
• 45.60mm nominal overall height with cover
• 67.93mm nominal overall height with integral fan cover
• High efficiency of 95% typical at 50% load
• True zero load operation of the Main (V1) output; no minimum load requirements3
• Remote sense for the main output
• Universal AC input; active PFC; EN61000-3-2 Class A
• MTBF 1135Khrs; Telcordia SR332 Issue 3; M1 Case 3
• RoHS compliant
• Active inrush protection
• Active Current Share
• IEC60601 Ed.3 medical (2 x MOPP Pri-Sec)
• Applied Part BF rating (isolation and patient leakage currents)
• 1 x MOPP Pri-Chassis Ground)
• IEC62368-1
• Designed to comply with IEC60601-2 4th Edition EMC Standard Requirements1
• Two (2) year warranty




Similar Part No. - PQU1000

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PQU-COVER MURATA-PS-PQU-COVER Datasheet
1Mb / 12P
650W 4" x 6" AC-DC “U” Channel Power Supply Converter
2024
PQU650 MURATA-PS-PQU650 Datasheet
1Mb / 12P
650W 4" x 6" AC-DC “U” Channel Power Supply Converter
2024
PQU650-12 MURATA-PS-PQU650-12 Datasheet
1Mb / 12P
650W 4" x 6" AC-DC “U” Channel Power Supply Converter
2024
PQU650-12P MURATA-PS-PQU650-12P Datasheet
1Mb / 12P
650W 4" x 6" AC-DC “U” Channel Power Supply Converter
2024
PQU650-24 MURATA-PS-PQU650-24 Datasheet
1Mb / 12P
650W 4" x 6" AC-DC “U” Channel Power Supply Converter
2024
More results


Similar Description - PQU1000

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MVAC250-12AFD MURATA-PS-MVAC250-12AFD Datasheet
442Kb / 9P
250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-24AFD MURATA-PS-MVAC250-24AFD Datasheet
442Kb / 9P
250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-24AFT MURATA-PS-MVAC250-24AFT Datasheet
442Kb / 9P
250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC250-48AFD MURATA-PS-MVAC250-48AFD Datasheet
442Kb / 9P
250W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-12AF MURATA-PS-MVAC400-12AF Datasheet
393Kb / 8P
400W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-48AF MURATA-PS-MVAC400-48AF Datasheet
393Kb / 8P
400W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-48AFD MURATA-PS-MVAC400-48AFD Datasheet
393Kb / 8P
400W 3 x 5 High Density AC-DC Power Supply Converter
logo
Vicor Corporation
PB1004PFC VICOR-PB1004PFC Datasheet
101Kb / 3P
AC/DC Power Supply 4 Outputs, 1000W
PB1005AC VICOR-PB1005AC Datasheet
341Kb / 4P
AC/DC Power Supply Up to 5 Outputs 1000W
PB1005DC VICOR-PB1005DC Datasheet
150Kb / 2P
DC/DC Power Supply Up to 5 Outputs 1000W
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com