Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74VHC161FT Datasheet (PDF) - Toshiba Semiconductor

74VHC161FT Datasheet PDF - Toshiba Semiconductor
Part # 74VHC161FT
Download  74VHC161FT Download
File Size   306.34 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHC161FT Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC161FT Datasheet PDF - Toshiba Semiconductor

Part # 74VHC161FT
Download  74VHC161FT Click to download

File Size   306.34 Kbytes
Page   17 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHC161FT Datasheet (HTML) - Toshiba Semiconductor


74VHC161FT Product details

Functional Description
• Synchronous Presettable 4-Bit Counter
74VHC161FT: Binary , Asynchronous Clear
74VHC163FT: Binary , Synchronous Clear

General
The 74VHC161FT and 74VHC163FT are advanced high speed CMOS SYNCHRONOUS PRESETTABLE 4 BIT
BINARY COUNTERs fabricated with silicon gate C2MOS technology.
They achieve the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS
low power dissipation.
The CK input is active on the rising edge. Both LOAD and CLR inputs are active on low logic level.
Presetting of each IC's is synchronous to the rising edge of CK.
The clear function of the 74VHC163FT is synchronous to CK, while the 74VHC161FT are cleared asynchronously.
Two enable inputs (ENP and ENT) and CARRY OUTPUT are provided to enable easy cascading of counters,
which facilitates easy implementation of n-bit counters without using external gates.
An input protection circuit ensures that 0 to 5.5 V can be applied to the input pins without regard to the supply
voltage. This device can be used to interface 5 V to 3 V systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched supply and input voltages

Features
(1) AEC-Q100 (Rev. H) (Note 1)
(2) Wide operating temperature range: Topr = -40 to 125 
(3) High speed: fMAX = 185 MHz (typ.) at VCC = 5 V
(4) Low power dissipation: ICC = 4.0 μA (max) at Ta = 25 
(5) High noise immunity: VNIH = VNIL = 28 % VCC (min)
(6) Power-down protection is provided on all inputs.
(7) Balanced propagation delays: tPLH ≈ tPHL
(8) Wide operating voltage range: VCC(opr) = 2.0 V to 5.5 V
(9) Low noise: VOLP=0.8 V (max)
(10) Pin and function compatible with 74 series (AC/HC/AHC/LV etc.) 161 or 163 type.




Similar Part No. - 74VHC161FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74VHC161FT TOSHIBA-74VHC161FT Datasheet
306Kb / 17P
CMOS Digital Integrated Circuits Silicon Monolithic
18-Aug-2016
More results


Similar Description - 74VHC161FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
19-Oct-2007
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
18-Aug-2016
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
13-Sep-2022
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
21-Oct-2022
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
21-Oct-2022
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
04-Oct-2022
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com