Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CG-30SL1AC-1M Datasheet (PDF) - Coolgear Inc.

CG-30SL1AC-1M Datasheet PDF - Coolgear Inc.
Part # CG-30SL1AC-1M
Download  CG-30SL1AC-1M Download
File Size   938.08 Kbytes
Page   2 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description 3ft. USB Type-C to A Dual Screw Lock Cable 5GB Data 3A Power

CG-30SL1AC-1M Datasheet (PDF)

Go To PDF Page Download Datasheet
CG-30SL1AC-1M Datasheet PDF - Coolgear Inc.

Part # CG-30SL1AC-1M
Download  CG-30SL1AC-1M Click to download

File Size   938.08 Kbytes
Page   2 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description 3ft. USB Type-C to A Dual Screw Lock Cable 5GB Data 3A Power

CG-30SL1AC-1M Datasheet (HTML) - Coolgear Inc.


CG-30SL1AC-1M Product details

Features
Compliant with USB 3.1 Gen1 specifications
Includes Screw lock mechanism on the Type-C cable end
Supports 3A max to power USB devices and 5Gbps data
transfer
Data and power can be used at the same time.
3ft. cable length.




Similar Part No. - CG-30SL1AC-1M

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
CG-30SL1AC-1.8M COOLGEAR-CG-30SL1AC-1.8M Datasheet
1Mb / 2P
6ft. USB Type-C to A Dual Screw Lock Cable 5GB Data 3A Power
Rev 05.220504
More results


Similar Description - CG-30SL1AC-1M

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
CG-30SL1AC-05M COOLGEAR-CG-30SL1AC-05M Datasheet
1Mb / 2P
20in. USB Type-C to A Dual Screw Lock Cable 5GB Data 3A Power
Rev 05.220504
CG-30SL1AC-1.8M COOLGEAR-CG-30SL1AC-1.8M Datasheet
1Mb / 2P
6ft. USB Type-C to A Dual Screw Lock Cable 5GB Data 3A Power
Rev 05.220504
CG-CMCRM5A100-1M COOLGEAR-CG-CMCRM5A100-1M Datasheet
1Mb / 2P
3ft. USB 3.2 Gen 2 Type-C to Right Angle Type-C Cable 5A 100W
Rev 05.220505
CG-G2CCTSSL-05M COOLGEAR-CG-G2CCTSSL-05M Datasheet
345Kb / 2P
20in. USB Single Screw Lock Type-C to C Male Cable 10GB Data 3A Power
Rev 05.220504
CG-G2CCTSSL-1.8M COOLGEAR-CG-G2CCTSSL-1.8M Datasheet
571Kb / 2P
6ft. USB Single Screw Lock Type-C to C Male Cable 10GB Data 3A Power
Rev 05.220504
CG-G2CCTSSL-1M COOLGEAR-CG-G2CCTSSL-1M Datasheet
641Kb / 2P
USB 3.1 Type-C to C Dual Screw Lock 1 Meter Cable 10GB Data 3A Power
Rev 05.220504
CG-G2SL1CC-05M COOLGEAR-CG-G2SL1CC-05M Datasheet
535Kb / 2P
USB 3.1 Type-C to C Dual Screw Lock 0.5 Meter Cable 10GB Data 3A Power
CG-G2SL1CC-1.8M COOLGEAR-CG-G2SL1CC-1.8M Datasheet
1Mb / 2P
USB 3.1 Type-C to C Dual Screw Lock 1.8 Meter Cable 10GB Data 3A Power
Rev 05.220504
CG-G2SL1CC-1M COOLGEAR-CG-G2SL1CC-1M Datasheet
932Kb / 2P
USB 3.1 Type-C to C Dual Screw Lock 1 Meter Cable 10GB Data 3A Power
Rev 05.220504
USB3-AC1MB COOLGEAR-USB3-AC1MB Datasheet
158Kb / 1P
USB-C TYPE A TO C USB 3.2 3FT BL
REV. A0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com