Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

104PHL-ST Datasheet (PDF) - Vishay Siliconix

104PHL-ST Datasheet PDF - Vishay Siliconix
Part # 104PHL-ST
Download  104PHL-ST Download
File Size   106.38 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals

104PHL-ST Datasheet (PDF)

Go To PDF Page Download Datasheet
104PHL-ST Datasheet PDF - Vishay Siliconix

Part # 104PHL-ST
Download  104PHL-ST Click to download

File Size   106.38 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals

104PHL-ST Datasheet (HTML) - Vishay Siliconix


104PHL-ST Product details

FEATURES
• Long useful life: 5000 h at +105 °C
• High reliability
• Available in case sizes up to Ø 90 mm x 220 mm
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Large types, cylindrical aluminum case, insulated with a
blue sleeve
• Also available in bolt version (104 PHL-STB)
• Pressure relief in the sealing
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 104PHL-ST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
104PHL-ST VISHAY-104PHL-ST Datasheet
152Kb / 8P
Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
03-Nov-11
104PHL-ST VISHAY-104PHL-ST Datasheet
127Kb / 8P
Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
06-Sep-17
104PHL-ST VISHAY-104PHL-ST_11 Datasheet
117Kb / 8P
Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
03-Mar-11
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
06-Sep-17
More results


Similar Description - 104PHL-ST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
101PHR-ST VISHAY-101PHR-ST Datasheet
358Kb / 10P
Aluminum Capacitors Power High Ripple Current Screw Terminals
22-Dec-05
104PHL-ST VISHAY-104PHL-ST Datasheet
152Kb / 8P
Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
03-Nov-11
102PHR-ST VISHAY-102PHR-ST_08 Datasheet
129Kb / 11P
Aluminum Capacitors Power High Ripple Current Screw Terminals
31-Oct-08
104PHL-ST VISHAY-104PHL-ST_11 Datasheet
117Kb / 8P
Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
03-Mar-11
101PHR-ST VISHAY-101PHR-ST_12 Datasheet
125Kb / 11P
Aluminum Capacitors, Power High Ripple Current, Screw Terminals
09-Mar-12
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
17-Oct-16
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
06-Sep-17
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
06-Sep-17
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
30-Jul-2020
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
21-Jul-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com