Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX31334EVKIT Datasheet (PDF) - Analog Devices

MAX31334EVKIT Datasheet PDF - Analog Devices
Part # MAX31334EVKIT
Download  MAX31334EVKIT Download
File Size   857.71 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MAX31334 Evaluation Kit

MAX31334EVKIT Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX31334EVKIT Datasheet PDF - Analog Devices

Part # MAX31334EVKIT
Download  MAX31334EVKIT Click to download

File Size   857.71 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MAX31334 Evaluation Kit

MAX31334EVKIT Datasheet (HTML) - Analog Devices


MAX31334EVKIT Product details

General Description
The MAX31334 shield evaluation kit (EV kit) is a fully assembled and tested PCB to evaluate the MAX31334, an ultra-low power, low-cost, real-time clock (RTC) with
integrated power switch, I2C interface, and power management. The shield EV kit operates from a single supply (either from USB or external power supply) and the onboard crystal provides a 32.768kHz clock signal. This device is accessed through an I2C serial interface provided by a MAX32625PICO board connected to a PC by a USB port.
The MAX31334 shield EV kit provides the hardware and software graphic user interface (GUI) necessary to evaluate the MAX31334. The kit includes an installed MAX31334. It connects to the PC through a MAX32625 PICO board and a micro-USB cable.

Features
• Easy Evaluation of the MAX31334
• +1.1V to +5.5V Single-Supply Operation
• Proven PCB Layout
• Fully Assembled and Tested




Similar Part No. - MAX31334EVKIT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX31334ETC+ AD-MAX31334ETC+ Datasheet
989Kb / 53P
Ultra-Low-Power Real Time Clock with Integrated Power Switch
19-101569; Rev 0; 8/22
MAX31334ETC+T AD-MAX31334ETC+T Datasheet
989Kb / 53P
Ultra-Low-Power Real Time Clock with Integrated Power Switch
19-101569; Rev 0; 8/22
MAX31334EWC+ AD-MAX31334EWC+ Datasheet
989Kb / 53P
Ultra-Low-Power Real Time Clock with Integrated Power Switch
19-101569; Rev 0; 8/22
MAX31334EWC+T AD-MAX31334EWC+T Datasheet
989Kb / 53P
Ultra-Low-Power Real Time Clock with Integrated Power Switch
19-101569; Rev 0; 8/22
More results


Similar Description - MAX31334EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com