Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LYT1402 Datasheet (PDF) - Power Integrations, Inc.

LYT1402 Datasheet PDF - Power Integrations, Inc.
Part # LYT1402
Download  LYT1402 Download
File Size   1343.06 Kbytes
Page   14 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description www.power.com July 2016 Constant Current Output for Buck Topology

LYT1402 Datasheet (PDF)

Go To PDF Page Download Datasheet
LYT1402 Datasheet PDF - Power Integrations, Inc.

Part # LYT1402
Download  LYT1402 Click to download

File Size   1343.06 Kbytes
Page   14 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description www.power.com July 2016 Constant Current Output for Buck Topology

LYT1402 Datasheet (HTML) - Power Integrations, Inc.


LYT1402 Product details

Single-Stage PFC + Accurate CC Output
• ±3% CC regulation in single line input voltage applications
• Power factor >0.9
• High efficiency >93%
• Robust 725 V MOSFET for increased line voltage surge performance
• Critical Conduction Mode (CrM) buck
• Low EMI
• Excellent line noise and transient rejection
Design Flexibility
• Supports high- and low-side buck topologies
• Wide input (90 VAC – 308 VAC) and output voltage range operation
• 3 family members cover power range for optimum device selection
• Requires no inductor bias winding
Highest Reliability
• Lowest component count
• Comprehensive protection features with auto-restart
• Input and output overvoltage protection (OVP)
• Output short-circuit protection
• Open-loop protection
• Advanced thermal control
• Thermal foldback ensures that light continues to be delivered at
elevated temperatures
• Over-temperature shutdown provides protection during fault
conditions
Description
The LYTSwitch™-1 family is ideal for single-stage, high PF, constant
current LED bulbs and tubes.
The family incorporates a high-voltage MOSFET with a variable on-time
CrM controller. Extensive protection features with minimum external
components provide industry leading power density and functionality.
The devices can be used in high-side or low-side non-isolated buck
topology.
The CrM operation results in low turn-on losses and reduces cost of
output diode (slower reverse recovery).
LYTSwitch-1 devices are suitable for applications from 2 W to 22 W.
See Table 1 for selection guidance.




Similar Part No. - LYT1402

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LYT0002 POWERINT-LYT0002 Datasheet
2Mb / 18P
Lowest Component Count, Off-Line Switcher IC for Non-Isolated LED Lighting Applications
LYT0002 POWERINT-LYT0002 Datasheet
1Mb / 18P
Lowest Component Count, Off-Line Switcher IC for Non-Isolated LED Lighting Applications
June 2015
LYT0002D POWERINT-LYT0002D Datasheet
1Mb / 18P
Lowest Component Count, Off-Line Switcher IC for Non-Isolated LED Lighting Applications
June 2015
LYT0002D-TL POWERINT-LYT0002D-TL Datasheet
1Mb / 18P
Lowest Component Count, Off-Line Switcher IC for Non-Isolated LED Lighting Applications
June 2015
LYT0002P POWERINT-LYT0002P Datasheet
1Mb / 18P
Lowest Component Count, Off-Line Switcher IC for Non-Isolated LED Lighting Applications
June 2015
More results


Similar Description - LYT1402

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
LDU4860S250 XPPOWER-LDU4860S250 Datasheet
339Kb / 4P
Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150W(A) MPD-LD48-09-150W(A) Datasheet
639Kb / 4P
Constant Current Output
LD24-04-150 MPD-LD24-04-150 Datasheet
632Kb / 4P
Constant Current Output
LD24-08-350W(A) MPD-LD24-08-350W(A) Datasheet
614Kb / 4P
Constant Current Output
LDM24-14-500 MPD-LDM24-14-500 Datasheet
607Kb / 4P
Constant Current Output
LDM12-04-300 MPD-LDM12-04-300 Datasheet
590Kb / 4P
Constant Current Output
LDB24-07-150 MPD-LDB24-07-150 Datasheet
325Kb / 2P
Constant Current Output
logo
Texas Instruments
LM3405 TI1-LM3405_13 Datasheet
1Mb / 29P
Constant Current Buck Regulator
LM3407 TI1-LM3407 Datasheet
1Mb / 22P
Constant Current Output Floating Buck Switching Converter for High Power LEDs
logo
Power Integrations, Inc...
LYT7503 POWERINT-LYT7503 Datasheet
1Mb / 12P
Phase-Cut Dimmable Single-Stage LED Driver IC with Combined PFC and Constant Current Output for Buck Topology
July 2016
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com