Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LYT4211 Datasheet (PDF) - Power Integrations, Inc.

LYT4211 Datasheet PDF - Power Integrations, Inc.
Part # LYT4211
Download  LYT4211 Download
File Size   3696.27 Kbytes
Page   42 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options

LYT4211 Datasheet (PDF)

Go To PDF Page Download Datasheet
LYT4211 Datasheet PDF - Power Integrations, Inc.

Part # LYT4211
Download  LYT4211 Click to download

File Size   3696.27 Kbytes
Page   42 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options

LYT4211 Datasheet (HTML) - Power Integrations, Inc.


LYT4211 Product details

Product Highlights
• Better than ±5% CC regulation
• TRIAC dimmable to less than 5% output
• Fast start-up
• <250 ms at full brightness
• <1s at 10% brightness
• High power factor >0.9
• Easily meets EN61000-3-2
• Less than 10% THD in optimized designs
• Up to 92% efficient
• 132 kHz switching frequency for small magnetics
High Performance, Combined Driver, Controller, Switch
The LYTSwitch-4 family enables off-line LED drivers with high
power factor which easily meet international requirements for
THD and harmonics. Output current is tightly regulated with
better than ±5% CC tolerance1. Efficiency of up to 92% is easily
achieved in typical applications.
Supports a Wide Selection of TRIAC Dimmers
The LYTSwitch-4 family provides excellent turn-on characteristics
for leading-edge and trailing-edge TRIAC dimming applications.
This results in drivers with a wide dimming range and fast
start-up, even when turning on from a low conduction angle –
large dimming ratio and low “pop-on” current.




Similar Part No. - LYT4211

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LYT4211-4218 POWERINT-LYT4211-4218 Datasheet
3Mb / 42P
LYTSwitch-4 High Power LED Driver IC Family
November 2014
LYT4211-LYT4218 POWERINT-LYT4211-LYT4218 Datasheet
3Mb / 42P
LYTSwitch-4 High Power LED Driver IC Family
November 2014
More results


Similar Description - LYT4211

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK454 POWERINT-LNK454 Datasheet
1Mb / 12P
LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
LNK454_1011 POWERINT-LNK454_1011 Datasheet
1Mb / 20P
LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
LNK454 POWERINT-LNK454_11 Datasheet
2Mb / 20P
LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
logo
IXYS Corporation
IX9907N IXYS-IX9907N Datasheet
225Kb / 10P
Single stage, primary control with PFC and dimming
logo
Taiwan Semiconductor Co...
TS19340CS14 TSC-TS19340CS14 Datasheet
450Kb / 9P
Secondary-Side Constant Current and Constant Voltage Controller with PWM / Linear Dimming
logo
Monolithic Power System...
MP4054A MPS-MP4054A Datasheet
1Mb / 19P
Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
MP4027 MPS-MP4027 Datasheet
648Kb / 19P
Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
logo
Leadtrend Technology
LD7833V LEADTREND-LD7833V Datasheet
327Kb / 17P
High Power Factor Primary Side Flyback LED Controller With TRIAC Dimming
logo
Power Integrations, Inc...
LNK403 POWERINT-LNK403_V01 Datasheet
1Mb / 20P
Single-Stage PFC, Primary-Side Constant Current Control and TRIAC Dimming/Non-Dimming Options
June 2015
LYT3314 POWERINT-LYT3314 Datasheet
1Mb / 18P
Single-Stage LED Driver IC with Combined PFC and Constant Current Output for Outstanding TRIAC Dimming in Isolated and Non-Isolated Topologies
April 2016
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com