Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RLC-PSI-41-050-0 Datasheet (PDF) - Power Integrations, Inc.

RLC-PSI-41-050-0 Datasheet PDF - Power Integrations, Inc.
Part # RLC-PSI-41-050-0
Download  RLC-PSI-41-050-0 Download
File Size   689.97 Kbytes
Page   4 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Connection Cable

RLC-PSI-41-050-0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RLC-PSI-41-050-0 Datasheet PDF - Power Integrations, Inc.

Part # RLC-PSI-41-050-0
Download  RLC-PSI-41-050-0 Click to download

File Size   689.97 Kbytes
Page   4 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Connection Cable

RLC-PSI-41-050-0 Datasheet (HTML) - Power Integrations, Inc.


RLC-PSI-41-050-0 Product details

Product Highlights
Highly Integrated, Compact Footprint
• Ready-to-use connection cable for Railway Line Gate Driver Families
• Connection from DC-DC converter (ISO6125R) to customer interface
• Mechanical locked
• Mechanical polarity inversion protection
• Supports multiple mating cycles
• -40 °C to +100 °C operating ambient temperature
Applications
• Railway inverter
• Industrial drives
• Other industrial applications
Description
This data sheet describes the connection cables between the DC-DC
converter (ISO6125R) to customer interface of the Railway Line gate
driver families. This cable is available in a 4-pin-configuration.
Railway line gate drivers enable easy paralleling of up to three power
modules providing high flexibility and system scalability with minimum
development effort.
It is important to note that the paralleling cables as well as the supply
cables carry high potential. The user is fully responsible to apply sufficient
isolation to the delivered cables.
Connectors
Erni 504898 (Female, 4pole, MicroBridge, 1.27 mm pitch, side locking,
polarity protection)
Crimps
0.35 mm2, AWG 22




Similar Part No. - RLC-PSI-41-050-0

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
RLC-IMS-61-050-0 POWERINT-RLC-IMS-61-050-0 Datasheet
640Kb / 4P
6-pin Connection Cable for Railway Line gate driver family
May 2021
More results


Similar Description - RLC-PSI-41-050-0

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
V19-G-BK1M-PVC-U-V19-G PF-V19-G-BK1M-PVC-U-V19-G Datasheet
595Kb / 3P
Connection cable
2021-10-05
V19-G-BK15M-PVC-U-V19-G PF-V19-G-BK15M-PVC-U-V19-G Datasheet
595Kb / 3P
Connection cable
2021-10-05
V19-G-BK40M-PVC-U-V19-G PF-V19-G-BK40M-PVC-U-V19-G Datasheet
595Kb / 3P
Connection cable
2021-10-05
V19-W-BK10M-PUR-U-V19-W PF-V19-W-BK10M-PUR-U-V19-W Datasheet
483Kb / 3P
Connection cable
2020-12-08
V19-W-BK2M-PUR-U-V19-W PF-V19-W-BK2M-PUR-U-V19-W Datasheet
483Kb / 3P
Connection cable
2020-12-08
V31-GM-5M-PUR-V31-GM PF-V31-GM-5M-PUR-V31-GM Datasheet
517Kb / 3P
Connection cable
2022-06-23
V31-GM-5M-PVC-V11-W PF-V31-GM-5M-PVC-V11-W Datasheet
836Kb / 3P
Connection cable
2021-02-18
V31-GM-BK1M-PUR-U-V1-W PF-V31-GM-BK1M-PUR-U-V1-W Datasheet
873Kb / 4P
Connection cable
2022-03-20
V95-G-YE10M-PVC-22 PF-V95-G-YE10M-PVC-22 Datasheet
253Kb / 1P
Connection cable
2018-04-09
V95-G-YE1M-STOOW-V95-G PF-V95-G-YE1M-STOOW-V95-G Datasheet
132Kb / 2P
Connection cable
2022-06-22
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com