Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

824015043 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

824015043 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 824015043
Download  824015043 Download
File Size   1039.11 Kbytes
Page   9 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-TVS TVS DiodeHigh Speed Series

824015043 Datasheet (PDF)

Go To PDF Page Download Datasheet
824015043 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 824015043
Download  824015043 Click to download

File Size   1039.11 Kbytes
Page   9 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-TVS TVS DiodeHigh Speed Series

824015043 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


824015043 Product details

General Information:
Operating Temperature -55 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 3
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently
VCh Clamp ESD was measured by Transmission Line Pulsing (TLP) System. TLP conditions:
Z0=50Ω,tp=100ns, tr=1ns
Compliant: IEC 61000-4-2, -4 and -5




Similar Part No. - 824015043

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
824015 WURTH-824015 Datasheet
243Kb / 5P
TVS Diode Array WE-TVS
logo
TECH PUBLIC Electronics...
824015 TECHPUBLIC-824015 Datasheet
1Mb / 4P
Low Capacitance TVS Diode Array
More results


Similar Description - 824015043

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
824012823 WURTH-824012823 Datasheet
492Kb / 8P
WE-TVS TVS Diode ??Super Speed Series
824014881 WURTH-824014881 Datasheet
505Kb / 8P
WE-TVS TVS Diode ??Super Speed Series
824014883 WURTH-824014883 Datasheet
506Kb / 8P
WE-TVS TVS Diode ??Super Speed Series
824014885 WURTH-824014885 Datasheet
505Kb / 8P
WE-TVS TVS Diode ??Super Speed Series
824031815 WURTH-824031815 Datasheet
630Kb / 7P
WE-TVS TVS Diode – Standard Series
001.001
824032813 WURTH-824032813 Datasheet
630Kb / 7P
WE-TVS TVS Diode – Standard Series
001.002
824032815 WURTH-824032815 Datasheet
630Kb / 7P
WE-TVS TVS Diode – Standard Series
001.002
824045812 WURTH-824045812 Datasheet
686Kb / 8P
WE-TVS TVS Diode – Standard Series
001.001
824045817 WURTH-824045817 Datasheet
686Kb / 8P
WE-TVS TVS Diode – Standard Series
001.001
824094024 WURTH-824094024 Datasheet
844Kb / 8P
WE-TVS TVS Diode – Standard Series
001.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com