Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPMP2359DJ Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPMP2359DJ Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPMP2359DJ
Download  TPMP2359DJ Download
File Size   6716.92 Kbytes
Page   10 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1.2A 1.4MHZ 30V PWM Sync Step Dowm DC/DC Converter

TPMP2359DJ Datasheet (PDF)

Go To PDF Page Download Datasheet
TPMP2359DJ Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPMP2359DJ
Download  TPMP2359DJ Click to download

File Size   6716.92 Kbytes
Page   10 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1.2A 1.4MHZ 30V PWM Sync Step Dowm DC/DC Converter

TPMP2359DJ Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPMP2359DJ Product details

Features
• Wide 4V to 30V Operating Input Range
• 1.2A Continuous Output Current
• 1.4MHz Switching Frequency
• Short Protection with Hiccup-Mode
• Built-in Over Current Limit
• Built-in Over Voltage Protection
• Force-PWM Mode
• Internal Soft-Start
• 200m2/150m2 Low RDS(ON) Internal Power
• MOSFETS
• Output Adjustable from 0.8V
• No Schottky Diode Required
• Integrated internal compensation
• Thermal Shutdown
• Available in SOT23-6 Package
• -40°C to +85°C Temperature Range

General Description
The TPMP2359 is a high frequency, synchronous, rectified, step-down, switch-mode converter with internal power MOSFETs. It offers a very compact solution to achieve a 1.5A peak output current over a wide input supply range, with excellent load and line regulation. The TPMP2359 requires a minimal number of readily available, external components and is available in a space saving SOT23-6 package.




Similar Part No. - TPMP2359DJ

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPMP2459GJ-Z TECHPUBLIC-TPMP2459GJ-Z Datasheet
3Mb / 7P
55V, 1A Efficient asynchronous buck converter
More results


Similar Description - TPMP2359DJ

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4082A ACTIVE-SEMI-ACT4082A Datasheet
425Kb / 11P
16V, 1.2A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev0, 16-May-08
logo
ELM Technology Corporat...
ELM620BA ELM-TECH-ELM620BA Datasheet
885Kb / 10P
1.4MHz high efficiency synchronous PWM step up DC/DC converter
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
1.2A Step-down DC-DC Converter
logo
BCD Semiconductor Manuf...
AP3407,A BCDSEMI-AP3407,A Datasheet
336Kb / 11P
1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3423 BCDSEMI-AP3423 Datasheet
408Kb / 10P
1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
1.2A, 24V, 1.4MHz Step-down Converter
logo
ELM Technology Corporat...
ELM620BA ELM-TECH-ELM620BA_17 Datasheet
1Mb / 10P
1.4MHz high efficiency synchronous PWM step up DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM8112 HMSEMI-HM8112 Datasheet
1Mb / 7P
30V 1.2A 1.4MHz Synchronous Step-Down Regulator
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
UD32121 UTC-UD32121 Datasheet
202Kb / 5P
1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com