Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B0505M-2W Datasheet (PDF) - Guangzhou Reicu Electronic Technology Co., Ltd

B0505M-2W Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd
Part # B0505M-2W
Download  B0505M-2W Download
File Size   777.92 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description 1000VDC Isolated 2W Single Output DIP-Package

B0505M-2W Datasheet (PDF)

Go To PDF Page Download Datasheet
B0505M-2W Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd

Part # B0505M-2W
Download  B0505M-2W Click to download

File Size   777.92 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description 1000VDC Isolated 2W Single Output DIP-Package

B0505M-2W Datasheet (HTML) - Guangzhou Reicu Electronic Technology Co., Ltd


B0505M-2W Product details

Features
RoHS compliant
Efficiency up to 82%
1kVDC Isolation
Wide temperature performance at full
2 Watt load,-40℃ to 85℃
Single output
Industry standard required
Small size




Similar Part No. - B0505M-2W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0505M-2WR2 MORNSUN-B0505M-2WR2 Datasheet
468Kb / 4P
DC-DC CONVERTER
More results


Similar Description - B0505M-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
MA-XD-6W MICRODC-MA-XD-6W Datasheet
862Kb / 2P
1000VDC Isolated 6WDual&single output DIP24 Converters
logo
MORNSUN Science& Techno...
WRE0505P-2W MORNSUN-WRE0505P-2W Datasheet
227Kb / 2P
WIDE INPUT HIGH ISOLATED & REGULATED 2W DUAL OUTPUT DIP PACKAGE
logo
GAPTEC Electronic GmbH ...
2D14B-1U GAPTEC-2D14B-1U Datasheet
936Kb / 5P
2W Single Output - Fixed Input - Isolated & Unregulated DIP PACKAGE
logo
Guangzhou Reicu Electro...
A0505S-2W REICU-A0505S-2W Datasheet
1Mb / 1P
1600VDC Isolated 2W Double Output SIP/DIP-Package
REV:3.1
B0303S-2W REICU-B0303S-2W Datasheet
4Mb / 1P
1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
E0505S-2W REICU-E0505S-2W Datasheet
800Kb / 1P
3000VDC Isolated 2W Double Output SIP/DIP-Package
REV:3.1
F0505S-2W REICU-F0505S-2W Datasheet
1,006Kb / 1P
3000VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
H0505S-2W REICU-H0505S-2W Datasheet
625Kb / 1P
6000VDC Isolated 2W Single Output SIP-Package
REV:3.1
IB0505S-2W REICU-IB0505S-2W Datasheet
2Mb / 1P
1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
IF0505S-2W REICU-IF0505S-2W Datasheet
2Mb / 1P
3000VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com