Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EKI-9508E-MPH Datasheet (PDF) - Advantech Co., Ltd.

EKI-9508E-MPH Datasheet PDF - Advantech Co., Ltd.
Part # EKI-9508E-MPH
Download  EKI-9508E-MPH Download
File Size   490.61 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description EN 50155 8-Port M12 PoE Managed Ethernet Switch 72/96/110 VDC

EKI-9508E-MPH Datasheet (PDF)

Go To PDF Page Download Datasheet
EKI-9508E-MPH Datasheet PDF - Advantech Co., Ltd.

Part # EKI-9508E-MPH
Download  EKI-9508E-MPH Click to download

File Size   490.61 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description EN 50155 8-Port M12 PoE Managed Ethernet Switch 72/96/110 VDC

EKI-9508E-MPH Datasheet (HTML) - Advantech Co., Ltd.


EKI-9508E-MPH Product details

Features
ƒ Complies with EN50155
ƒ 8 port M12 D-coded 10/100Mbps PoE ports
ƒ Power input
EKI-9508E-MPH: 72/96/110 VDC
EKI-9508E-MPL: 24/48 VDC
ƒ Operating Voltage
EKI-9508E-MPH: 50.4~137.5 VDC
EKI-9508E-MPL: 16.8~60 VDC
ƒ X-Ring Pro supports rapid and predictable convergence
ƒ IEEE 802.3at PoE+ to supply 30 W of power
ƒ IEEE 802.3af PoE to supply 15.4 W of power
ƒ M12 connector with IP50 protection
ƒ Operating temperature of -40 ~ 70°C




Similar Part No. - EKI-9508E-MPH

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-9508E-MH ADVANTECH-EKI-9508E-MH Datasheet
539Kb / 2P
EN 50155 8-Port M12 Managed Ethernet Switch 72/96/110 VDC
25-Nov-2021
EKI-9508E-MH-AE ADVANTECH-EKI-9508E-MH-AE Datasheet
539Kb / 2P
EN 50155 8-Port M12 Managed Ethernet Switch 72/96/110 VDC
25-Nov-2021
EKI-9508E-ML ADVANTECH-EKI-9508E-ML Datasheet
539Kb / 2P
EN 50155 8-Port M12 Managed Ethernet Switch 72/96/110 VDC
25-Nov-2021
EKI-9508E-ML-AE ADVANTECH-EKI-9508E-ML-AE Datasheet
539Kb / 2P
EN 50155 8-Port M12 Managed Ethernet Switch 72/96/110 VDC
25-Nov-2021
More results


Similar Description - EKI-9508E-MPH

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-9508E-MH ADVANTECH-EKI-9508E-MH Datasheet
539Kb / 2P
EN 50155 8-Port M12 Managed Ethernet Switch 72/96/110 VDC
25-Nov-2021
EKI-9508E-PH ADVANTECH-EKI-9508E-PH Datasheet
514Kb / 2P
EN 50155 8-Port M12 Unmanaged Ethernet Switch 72/96/110 VDC
25-Nov-2021
EKI-9508G-H ADVANTECH-EKI-9508G-H Datasheet
516Kb / 2P
EN 50155 8-Port M12 Unmanaged Ethernet Switch 72/96/110 VDC
25-Nov-2021
EKI-9508G-MH ADVANTECH-EKI-9508G-MH Datasheet
564Kb / 2P
EN 50155 8-Port M12 Managed Ethernet Switch 72/96/110 VDC
25-Nov-2021
EKI-9508G-MPH ADVANTECH-EKI-9508G-MPH Datasheet
477Kb / 2P
EN 50155 8-Port M12 PoE Managed Ethernet Switch 72/96/110 VDC
25-Nov-2021
EKI-9508G-PH ADVANTECH-EKI-9508G-PH Datasheet
519Kb / 2P
EN 50155 8-Port M12 PoE Unmanaged Ethernet Switch 72/96/110 VDC
25-Nov-2021
EKI-9510E-2GMH ADVANTECH-EKI-9510E-2GMH Datasheet
540Kb / 2P
EN 50155 10-port Managed M12 Ethernet Switch 72/96/110 VDC
29-Mar-2022
EKI-9510E-2GMPH ADVANTECH-EKI-9510E-2GMPH Datasheet
582Kb / 2P
EN 50155 10-Port Managed PoE M12 Ethernet Switch 72/96/110 VDC
29-Mar-2022
EKI-9510E-2GPH ADVANTECH-EKI-9510E-2GPH Datasheet
503Kb / 2P
EN 50155 10-port Unmanaged PoE M12 Ethernet Switch 72/96/110 VDC
29-Mar-2022
EKI-9510G-2GMPH ADVANTECH-EKI-9510G-2GMPH Datasheet
518Kb / 2P
EN 50155 10-port Managed PoE M12 Full Giga Ethernet Switch 72/96/110 VDC
29-Mar-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com