Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

F0303M-1W Datasheet (PDF) - Guangzhou Reicu Electronic Technology Co., Ltd

F0303M-1W Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd
Part # F0303M-1W
Download  F0303M-1W Download
File Size   2057.56 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description 3000VDC Isolated 1W Single Output SIP/DIP-Package

F0303M-1W Datasheet (PDF)

Go To PDF Page Download Datasheet
F0303M-1W Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd

Part # F0303M-1W
Download  F0303M-1W Click to download

File Size   2057.56 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description 3000VDC Isolated 1W Single Output SIP/DIP-Package

F0303M-1W Datasheet (HTML) - Guangzhou Reicu Electronic Technology Co., Ltd


F0303M-1W Product details

Features
RoHS compliant
Efficiency up to 80%
3kVDC Isolation
Wide temperature performance
1 Watt load,-40℃ to 85℃
3
Single output
Industry standard required
Small size




Similar Part No. - F0303M-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
SINGLE OUTPUT DC-DC CONVERTER
More results


Similar Description - F0303M-1W

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
B0303S-1W REICU-B0303S-1W Datasheet
3Mb / 1P
1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
E0505S-1W REICU-E0505S-1W Datasheet
1Mb / 1P
3000VDC Isolated 1W Double Output SIP/DIP-Package
REV:3.1
F0303S-1W REICU-F0303S-1W Datasheet
2Mb / 1P
3000VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
F0505S-2W REICU-F0505S-2W Datasheet
1,006Kb / 1P
3000VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
IB0505LS-1W REICU-IB0505LS-1W Datasheet
3Mb / 1P
1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
IB0505LS-W75 REICU-IB0505LS-W75 Datasheet
3Mb / 1P
1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
IE0505S-1W REICU-IE0505S-1W Datasheet
1Mb / 1P
3000VDC Isolated 1W Double Output SIP-Package
REV:3.1
IF0505S-1W REICU-IF0505S-1W Datasheet
1Mb / 1P
3000VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
IF0505S-2W REICU-IF0505S-2W Datasheet
2Mb / 1P
3000VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
WRF0505S-1W REICU-WRF0505S-1W Datasheet
1Mb / 1P
3000VDC Isolated 1W Single/Double Output SIP-Package
REV:3.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com