Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VSMD66694 Datasheet (PDF) - Vishay Siliconix

VSMD66694 Datasheet PDF - Vishay Siliconix
Part # VSMD66694
Download  VSMD66694 Download
File Size   166.02 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Color Emitting Diodes, 660 nm and 940 nm

VSMD66694 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSMD66694 Datasheet PDF - Vishay Siliconix

Part # VSMD66694
Download  VSMD66694 Click to download

File Size   166.02 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Color Emitting Diodes, 660 nm and 940 nm

VSMD66694 Datasheet (HTML) - Vishay Siliconix


VSMD66694 Product details

DESCRIPTION
VSMD66694 is a dual color emitting device with 660 nm and
940 nm peak wavelength. The emitters are based on the
SurfLightTM technology, providing high radiant power.

FEATURES
• Package type: surface mount
• Package form: square PCB
• Dimensions (L x W x H in mm): 2 x 2 x 0.87
• Peak wavelength: λp = 660 nm and 940 nm
• High reliability
• High radiant power
• Angle of half intensity: ϕ = ± 60°
• Floor life: 168 h, MSL 3, according to
J-STD-020
• Lead (Pb)-free reflow soldering
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VSMD66694

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMD66694 VISHAY-VSMD66694 Datasheet
167Kb / 8P
Dual Color Emitting Diodes, 660 nm and 940 nm
12-Apr-16
VSMD66694 VISHAY-VSMD66694_V01 Datasheet
166Kb / 8P
Dual Color Emitting Diodes, 660 nm and 940 nm
12-Apr-16
More results


Similar Description - VSMD66694

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH464 SIEMENS-SFH464 Datasheet
40Kb / 5P
GaAlAs-Lumineszenzdiode 660 nm GaAlAs Light Emitting Diode 660 nm
SFH4860 SIEMENS-SFH4860 Datasheet
42Kb / 5P
GaAlAs-Lumineszenzdiode 660 nm GaAlAs Light Emitting Diode 660 nm
logo
Vishay Siliconix
VSMB2943RGX01 VISHAY-VSMB2943RGX01 Datasheet
213Kb / 8P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
26-Feb-13
VSMB2943SLX01 VISHAY-VSMB2943SLX01 Datasheet
152Kb / 6P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
26-Feb-13
VSMB2948RG VISHAY-VSMB2948RG Datasheet
206Kb / 8P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
17-May-13
logo
OSRAM GmbH
SFH464E7800 OSRAM-SFH464E7800 Datasheet
172Kb / 10P
GaAlAs Light Emitting Diode (660 nm)
logo
Vishay Siliconix
VSMD66694 VISHAY-VSMD66694 Datasheet
167Kb / 8P
Dual Color Emitting Diodes, 660 nm and 940 nm
12-Apr-16
VSMD66694 VISHAY-VSMD66694_V01 Datasheet
166Kb / 8P
Dual Color Emitting Diodes, 660 nm and 940 nm
12-Apr-16
VSMY294310RG VISHAY-VSMY294310RG Datasheet
183Kb / 9P
High Speed Infrared Emitting Diodes, 940 nm,
13-Oct-15
VSMB2948G VISHAY-VSMB2948G_V02 Datasheet
208Kb / 8P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
17-May-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com