Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP16361 Datasheet (PDF) - Microchip Technology

MCP16361 Datasheet PDF - Microchip Technology
Part # MCP16361
Download  MCP16361 Download
File Size   1432.48 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 48V Input, 3A Output, 2.2 MHz Switching Frequency, Integrated Switch Step-Down Regulator

MCP16361 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP16361 Datasheet PDF - Microchip Technology

Part # MCP16361
Download  MCP16361 Click to download

File Size   1432.48 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 48V Input, 3A Output, 2.2 MHz Switching Frequency, Integrated Switch Step-Down Regulator

MCP16361 Datasheet (HTML) - Microchip Technology


MCP16361 Product details

General Description
The MCP16361/2/3 family of devices are highly integrated, high-efficiency, fixed-frequency, step-down DC-DC converters in a compact 8-lead 3x3 mm VDFN package that operates from input voltage sources up to 48V. Integrated features include a high-side switch, fixed-frequency Peak Current Mode Control, Internal Compensation, Power Good, Peak Current Limit and Overtemperature Protection. The MCP16361/2/3 provides all the active functions for local DC-DC conversion, with fast transient response and accurate regulation.
High efficiency conversion is achieved by integrating the current-limited, low-resistance, high-speed N-Channel MOSFET and associated drive circuitry. High switching frequency minimizes the size of external filtering components resulting in a small size solution.
The MCP16361/2/3 can supply 3A of continuous current while regulating the output voltage from 2.0V to 24V. An integrated, high-performance peak current mode architecture keeps the output voltage tightly regulated, even during input voltage steps and output current transient conditions that are common in power systems.
The MCP16361 is capable of running in PFM/PWM mode. It switches in PFM mode for light load conditions and for large buck conversion ratios. This results in a higher efficiency over all load ranges.
By comparison, the MCP16362 runs in PWM-only mode, and is recommended for applications in which the low-frequency component associated with PFM mode of operation is not desirable.
Besides the two aforementioned options, the MCP16363 is designed for EMI constrained applications where reduced peak emissions are required. This is achieved by sweeping the switching frequency over a 10% range above the 2.2 MHz nominal value.
Output voltage is set with an external resistor divider. The Power Good output pin will go from logic low to logic high (through an external pull-up resistor) once the output voltage is within 93% of the nominal set point. The EN input is used to turn the device on and off. While off, only a few micro-amps of current are consumed from the input.
The MCP16361/2/3 is offered in a space-saving 8-lead 3x3 mm VDFN wettable flanks surface mount package.

Features
•Input Voltage Range: 4.0V to 48V
•Adjustable Output Voltage Range: 2.0V to 24V
•Integrated N-Channel Buck Switch: 100 m
•3A Output Current
•2.2 MHz Fixed Frequency
•Shutdown Current: 5 μA typical
•Quiescent Current: 18 μA typical (not switching)
•Device Selectable Switching Mode
-Automatic Pulse Frequency Modulation/Pulse Width Modulation (PFM/PWM) Operation - MCP16361
-PWM only Mode of Operation - MCP16362
-PWM only Mode of Operation with Switching Frequency Dithering for EMI constrained applications - MCP16363
•Power Good Output
•Undervoltage Lockout (UVLO)
•Peak Current Mode Control
•Internal Compensation
•Internal Soft-Start
•Internal Bootstrap Diode
•Cycle-by-Cycle Peak Current Limit
•Overtemperature Protection
•Available Package: 8-lead 3x3 mm wettable flanks VDFN (see Package Type)

Applications
•Automotive DC/DC and 48V Systems
•Microcontroller Bias Supply
•24V Industrial Input DC-DC Conversion
•Set-Top Boxes, DSL Cable Modems
•Wall Cube Regulation
•SLA Battery-Powered Devices
•AC-DC Digital Control Power Sources
•Power Meters
•Medical and Health Care
•Distributed Power Supplies




Similar Part No. - MCP16361

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630 Datasheet
440Kb / 18P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004
MCP1630 MICROCHIP-MCP1630 Datasheet
353Kb / 26P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2005
MCP1630 MICROCHIP-MCP1630 Datasheet
608Kb / 30P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
Revision D July 2022
MCP1630-E/MC MICROCHIP-MCP1630-E/MC Datasheet
353Kb / 26P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2005
MCP1630-E/MC MICROCHIP-MCP1630-E/MC Datasheet
608Kb / 30P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
Revision D July 2022
More results


Similar Description - MCP16361

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
3A Step Down Switching Voltage Regulator
logo
Semtech Corporation
SC4519 SEMTECH-SC4519 Datasheet
278Kb / 15P
600kHz, 3A Step-Down Switching Regulator
SC4520 SEMTECH-SC4520 Datasheet
269Kb / 12P
3A Step-Down Switching Regulator with Adjustable Switching Frequency
SC4519H SEMTECH-SC4519H_07 Datasheet
285Kb / 14P
600kHz, 3A Step-Down Switching Regulator
logo
Microchip Technology
MCP16301 MICROCHIP-MCP16301 Datasheet
974Kb / 38P
High Voltage Input Integrated Switch Step-Down Regulator
2011
MCP16301 MICROCHIP-MCP16301_12 Datasheet
1Mb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
2011-2012 10/26/12
MCP16331 MICROCHIP-MCP16331 Datasheet
993Kb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
03/25/14
MCP16301 MICROCHIP-MCP16301_15 Datasheet
1Mb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
01/27/15
MCP16301 MICROCHIP-MCP16301_V01 Datasheet
783Kb / 38P
High-Voltage Input Integrated Switch Step-Down Regulator
Revision E January 2021
MCP16331 MICROCHIP-MCP16331_V01 Datasheet
1Mb / 48P
High-Voltage Input Integrated Switch Step-Down Regulator
Revision D January 2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com