Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AOZ5007AQI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ5007AQI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ5007AQI
Download  AOZ5007AQI Download
File Size   982.32 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description High-Current, High-Performance DrMOS Power Module

AOZ5007AQI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ5007AQI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ5007AQI
Download  AOZ5007AQI Click to download

File Size   982.32 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description High-Current, High-Performance DrMOS Power Module

AOZ5007AQI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ5007AQI Product details

General Description
AOZ5007AQI is a high efficiency synchronous buck
power stage module consisting of two asymmetrical
MOSFETs and an integrated driver. The MOSFETs are
individually optimized for operation in the synchronous
buck configuration. The High-Side MOSFET is optimized
to achieve low capacitance and gate charge for fast
switching with low duty cycle operation. The Low-Side
MOSFET has ultra-low ON resistance to minimize
conduction loss.
AOZ5007AQI uses a PWM input for accurate control of
the power MOSFETs switching activities, is compatible
with 5V (CMOS) logic and supports Tri-State PWM.
A number of features are provided making the
AOZ5007AQI a highly versatile power module. The
bootstrap diode is integrated in the driver. The Low-Side
MOSFET can be driven into diode emulation mode to
provide asynchronous operation and improve light-load
performance. The pin-out is also optimized for low
parasitics, keeping their effects to a minimum.

Features
 4.5V to 25V power supply range
 4.5V to 5.5V driver supply range
 30A continuous output current
- Up to 65A with 20ms instantaneous current @ 14V VIN
- Up to 60A with 20ms instantaneous current @ 22V VIN
- Up to 80A with 10us on pulse
 Up to 2MHz switching operation
 5V PWM / Tri-State input compatible
 Under-Voltage LockOut protection
 FCCM control for Diode Emulation / CCM operation
 Low Profile 3.5mm x 4.5mm QFN-22L package

Applications
 Memory and graphic cards
 VRMs for motherboards
 Point of load DC/DC converters
 Video gaming console




Similar Part No. - AOZ5007AQI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ5007 AOSMD-AOZ5007 Datasheet
821Kb / 16P
High-Current, High-Performance DrMOS Power Module
More results


Similar Description - AOZ5007AQI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ5007 AOSMD-AOZ5007 Datasheet
821Kb / 16P
High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8703 ANPEC-APW8703 Datasheet
313Kb / 18P
High-Performance, High-Current DrMOS Power Module
APW8707A ANPEC-APW8707A Datasheet
331Kb / 19P
High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5019 AOSMD-AOZ5019 Datasheet
616Kb / 13P
High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8706 ANPEC-APW8706 Datasheet
360Kb / 19P
High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5018QI AOSMD-AOZ5018QI Datasheet
1Mb / 16P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2021
AOZ5316UQI AOSMD-AOZ5316UQI Datasheet
1Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 June 2020
AOZ5516QI-02 AOSMD-AOZ5516QI-02 Datasheet
2Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 2.0 May 2020
AOZ5518QI AOSMD-AOZ5518QI Datasheet
2Mb / 16P
High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2020
AOZ5612BQI AOSMD-AOZ5612BQI Datasheet
2Mb / 17P
High-Current, High-Performance DrMOS Power Module
Rev. 1.1 May 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com