Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IPTC007N06NM5 Datasheet (PDF) - Infineon Technologies AG

IPTC007N06NM5 Datasheet PDF - Infineon Technologies AG
Part # IPTC007N06NM5
Download  IPTC007N06NM5 Download
File Size   1436.28 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM 5 Power-Transistor, 60 V

IPTC007N06NM5 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPTC007N06NM5 Datasheet PDF - Infineon Technologies AG

Part # IPTC007N06NM5
Download  IPTC007N06NM5 Click to download

File Size   1436.28 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM 5 Power-Transistor, 60 V

IPTC007N06NM5 Datasheet (HTML) - Infineon Technologies AG


IPTC007N06NM5 Product details

Features
• Optimized for motor drives and battery powered applications
• Optimized for top side cooling
• High current capability
• 175°C rated
• 100% avalanche tested
• Superior thermal performance
• N-Channel
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21




Similar Part No. - IPTC007N06NM5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPTC011N08NM5 INFINEON-IPTC011N08NM5 Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 80 V
Rev. 2.0, 2022-05-24
IPTC012N06NM5 INFINEON-IPTC012N06NM5 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 5 Power-Transistor, 60 V
Rev. 2.0, 2022-09-27
IPTC012N08NM5 INFINEON-IPTC012N08NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 80 V
Rev.2.0,2021-02-02
IPTC014N08NM5 INFINEON-IPTC014N08NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 80 V
Rev.2.0,2021-02-02
IPTC014N10NM5 INFINEON-IPTC014N10NM5 Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 100 V
Rev. 2.0, 2022-05-24
More results


Similar Description - IPTC007N06NM5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA029N06NM5S INFINEON-IPA029N06NM5S Datasheet
1Mb / 10P
OptiMOSTM 5 Power-Transistor, 60 V
Rev.2.1,2019-09-02
IPA040N06NM5S INFINEON-IPA040N06NM5S Datasheet
1Mb / 10P
OptiMOSTM 5 Power-Transistor, 60 V
Rev.2.1,2019-09-02
IQE030N06NM5CGSC INFINEON-IQE030N06NM5CGSC Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 60 V
Rev. 2.0, 2022-05-02
IQE030N06NM5SC INFINEON-IQE030N06NM5SC Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 60 V
Rev. 2.0, 2022-05-02
IPTC012N06NM5 INFINEON-IPTC012N06NM5 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 5 Power-Transistor, 60 V
Rev. 2.0, 2022-09-27
IST015N06NM5 INFINEON-IST015N06NM5 Datasheet
892Kb / 11P
MOSFET OptiMOSTM 5 Power-Transistor, 60 V
Rev. 2.0, 2022-04-28
IQE022N06LM5 INFINEON-IQE022N06LM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 60 V
Rev. 2.0, 2023-01-12
IQE022N06LM5CG INFINEON-IQE022N06LM5CG Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 60 V
Rev. 2.0, 2023-01-12
IQD009N06NM5CG INFINEON-IQD009N06NM5CG Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 60 V
Rev. 2.1, 2023-03-06
IQDH88N06LM5CG INFINEON-IQDH88N06LM5CG Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 60 V
Rev. 2.1, 2023-03-30
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com