Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC-3890 Datasheet (PDF) - Advantech Co., Ltd.

MIC-3890 Datasheet PDF - Advantech Co., Ltd.
Part # MIC-3890
Download  MIC-3890 Download
File Size   308.59 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 3U CompactPCI® Serial DC 250W Power Supply Unit

MIC-3890 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC-3890 Datasheet PDF - Advantech Co., Ltd.

Part # MIC-3890
Download  MIC-3890 Click to download

File Size   308.59 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 3U CompactPCI® Serial DC 250W Power Supply Unit

MIC-3890 Datasheet (HTML) - Advantech Co., Ltd.


MIC-3890 Product details

Features
ƒ 3U x 8HP CPCI serial form factor
ƒ M12 or WAGO DC-IN connector
ƒ Wide operating temperature -40°C to +70 °C
ƒ 1+1 redundancy, hot-swappable
ƒ Reserve PMBus communication
ƒ Wide input 66-160VDC
ƒ 80% Plus efficiency
ƒ Meets EN50155 class S2 & C2 compliance




Similar Part No. - MIC-3890

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3890 ADVANTECH-MIC-3890 Datasheet
912Kb / 3P
3U Height CompactPCI® Serial Enclosure for 3U Cards
15-Jul-2022
More results


Similar Description - MIC-3890

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HAC300S-D120E HITRON-HAC300S-D120E Datasheet
341Kb / 4P
3U x 8HP CompactPCI Serial
logo
Adlink Technology Inc.
CPCI-3510 ADLINK-CPCI-3510 Datasheet
712Kb / 4P
3U CompactPCI
CPCI-3511 ADLINK-CPCI-3511 Datasheet
842Kb / 2P
3U CompactPCI
logo
Advantech Co., Ltd.
MIC-300 ADVANTECH-MIC-300 Datasheet
912Kb / 3P
3U Height CompactPCI® Serial Enclosure for 3U Cards
15-Jul-2022
MIC-3023 ADVANTECH-MIC-3023 Datasheet
694Kb / 2P
3U Height CompactPCI® Enclosure for 3U Cards
11-Feb-2022
MIC-330 ADVANTECH-MIC-330 Datasheet
719Kb / 2P
3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022
MIC-3810 ADVANTECH-MIC-3810 Datasheet
518Kb / 1P
3U CompactPCI® Serial PCIe Carrier Board
13-Dec-2021
MIC-3811 ADVANTECH-MIC-3811 Datasheet
545Kb / 2P
3U CompactPCI® Serial Dual Mini PCIe Carrier Board
13-Dec-2021
MIC-3820 ADVANTECH-MIC-3820 Datasheet
349Kb / 1P
3U CompactPCI® Serial SATA Carrier Board
15-Jul-2022
MIC-3956 ADVANTECH-MIC-3956 Datasheet
612Kb / 2P
3U CompactPCI DC110V input Power Supply Unit
7-Dec-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com