Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M620720 Datasheet (PDF) - AVX Corporation

M620720 Datasheet PDF - AVX Corporation
Part # M620720
Download  M620720 Download
File Size   503.38 Kbytes
Page   7 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description ISM 868 & 915 MHz Embedded Ceramic Antenna

M620720 Datasheet (PDF)

Go To PDF Page Download Datasheet
M620720 Datasheet PDF - AVX Corporation

Part # M620720
Download  M620720 Click to download

File Size   503.38 Kbytes
Page   7 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description ISM 868 & 915 MHz Embedded Ceramic Antenna

M620720 Datasheet (HTML) - AVX Corporation


M620720 Product details

APPLICATIONS
• Embedded design
• Cellular, Headsets,Tablets
• Gateway,Access Point
• Handheld
• Telematics
• Tracking
• Healthcare
• M2M, Industrial devices
• Smart Grid
• OBD -II




Similar Part No. - M620720

ManufacturerPart #DatasheetDescription
logo
Heyco.
M6207 HEYCO-M6207 Datasheet
258Kb / 1P
Plated Steel Liquid Tight Cordgrips
More results


Similar Description - M620720

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1052620001 MOLEX11-1052620001 Datasheet
30Kb / 1P
ISM 868/915 MHz Antenna, 100.00mm Cable Length
1052620002 MOLEX11-1052620002 Datasheet
29Kb / 1P
ISM 868/915 MHz Antenna, 150.00mm Cable Length
1052620003 MOLEX11-1052620003 Datasheet
29Kb / 1P
ISM 868/915 MHz Antenna, 200.00mm Cable Length
logo
Pulse A Technitrol Comp...
W3013 PULSE-W3013 Datasheet
1Mb / 5P
ISM 868 MHz Ceramic Antenna
logo
Unictron Technologies C...
H2U64U1H2B0200 UNICTRON-H2U64U1H2B0200 Datasheet
824Kb / 16P
ISM 868 MHz Ceramic Chip Antenna
H2U64U1H2C0200 UNICTRON-H2U64U1H2C0200 Datasheet
723Kb / 16P
ISM 915 MHz Ceramic Chip Antenna
logo
World Produts Inc.
WPANT10016 WPI-WPANT10016 Datasheet
206Kb / 3P
860 / 915 MHz ISM Band and GSM Embedded Antenna
logo
TE Connectivity Ltd
2195835-1 TEC-2195835-1 Datasheet
823Kb / 7P
ISM 868 / 915 MHz ANTENNA
2195849-1 TEC-2195849-1 Datasheet
798Kb / 7P
ISM 868 / 915 MHz ANTENNA
logo
Abracon Corporation
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
OnBoard 868/915/8682400 MHz - Antenna
More results




About AVX Corporation


AVX Corporation is an American electronic component manufacturer that specializes in the design, development, and manufacture of passive electronic components, including capacitors, resistors, filters, and connectors. The company was founded in 1972 and is headquartered in Fountain Inn, South Carolina.

AVX Corporation's products are used in a wide range of industries, including automotive, telecommunications, consumer electronics, and medical devices. The company's product portfolio includes a variety of passive electronic components, such as ceramic capacitors, tantalum capacitors, film capacitors, and thin film resistors.

AVX Corporation is committed to quality and innovation, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and quality control processes ensure that its products meet the highest standards of performance and reliability.

Today, AVX Corporation is recognized as a leading manufacturer of passive electronic components, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com