Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSEB1030 Datasheet (PDF) - Shenzhen Codaca Electronic Co.,Ltd

CSEB1030 Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd
Part # CSEB1030
Download  CSEB1030 Download
File Size   845.56 Kbytes
Page   7 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description Molding Power Inductor

CSEB1030 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSEB1030 Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd

Part # CSEB1030
Download  CSEB1030 Click to download

File Size   845.56 Kbytes
Page   7 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description Molding Power Inductor

CSEB1030 Datasheet (HTML) - Shenzhen Codaca Electronic Co.,Ltd


CSEB1030 Product details

Features:
▪ Core material: Alloy powder
▪ Core and winding loss:
See https://www.codaca.com/DesignTool_Power-Inductor-Loss-
Comparison.html
▪ Enviromental:RoHS,Reach compliant ,Halogen free
▪ Weight:2.06g
▪ Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at 5~40℃, RH≤ 70% relative humidity).
▪ Operating temperature range: -40℃~+125℃
(including coil’s self temperature rise)
▪ Storage temperature range: -40℃~+125℃

Application:
▪ DC/DC converter for high cuurrent power supplies
▪ DC/DC converter for Field Programmable Gate Array(FPGA)
▪ Wireless power devices/Filte
▪ Battery power devices




Similar Part No. - CSEB1030

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
CSEB1060 CODACA-CSEB1060 Datasheet
907Kb / 7P
Molding Power Inductor
07/14/2020
CSEB1060-1R2M CODACA-CSEB1060-1R2M Datasheet
907Kb / 7P
Molding Power Inductor
07/14/2020
CSEB1060-1R5M CODACA-CSEB1060-1R5M Datasheet
907Kb / 7P
Molding Power Inductor
07/14/2020
CSEB1060-2R2M CODACA-CSEB1060-2R2M Datasheet
907Kb / 7P
Molding Power Inductor
07/14/2020
CSEB1060-3R3M CODACA-CSEB1060-3R3M Datasheet
907Kb / 7P
Molding Power Inductor
07/14/2020
More results


Similar Description - CSEB1030

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0520LR ABRACON-ASPI-0520LR Datasheet
1Mb / 4P
Molding Type Power Inductor
11.15.11
ASPI-0530HI ABRACON-ASPI-0530HI Datasheet
1Mb / 3P
Molding Type Power Inductor
11.17.11
ASPI-0530LR ABRACON-ASPI-0530LR Datasheet
1Mb / 4P
Molding Type Power Inductor
11.13.11
ASPI-0630HI ABRACON-ASPI-0630HI Datasheet
2Mb / 5P
Molding Type Power Inductor
11.17.11
ASPI-1040HI ABRACON-ASPI-1040HI Datasheet
1Mb / 4P
Molding Type Power Inductor
11.19.11
logo
Shenzhen Codaca Electro...
CSEB0880 CODACA-CSEB0880 Datasheet
977Kb / 10P
Molding Power Inductor
07/14/2020
CSEB1060 CODACA-CSEB1060 Datasheet
907Kb / 7P
Molding Power Inductor
07/14/2020
CSEB1090 CODACA-CSEB1090 Datasheet
1Mb / 10P
Molding Power Inductor
07/14/2020
CSEB1508 CODACA-CSEB1508 Datasheet
970Kb / 10P
Molding Power Inductor
07/14/2020
CSEB1510 CODACA-CSEB1510 Datasheet
1Mb / 10P
Molding Power Inductor
07/14/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com