Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NXH50C120L2C2ESG Datasheet (PDF) - ON Semiconductor

NXH50C120L2C2ESG Datasheet PDF - ON Semiconductor
Part # NXH50C120L2C2ESG_V01
Download  NXH50C120L2C2ESG Download
File Size   420.11 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description TMPIM 50 A CIB/CI Module

NXH50C120L2C2ESG Datasheet (PDF)

Go To PDF Page Download Datasheet
NXH50C120L2C2ESG Datasheet PDF - ON Semiconductor

Part # NXH50C120L2C2ESG_V01
Download  NXH50C120L2C2ESG Click to download

File Size   420.11 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description TMPIM 50 A CIB/CI Module

NXH50C120L2C2ESG Datasheet (HTML) - ON Semiconductor


NXH50C120L2C2ESG Product details

The NXH50C120L2C2ESG is a transfer−molded power module
with low thermal resistance substrate containing
a converter-inverter-brake circuit consisting of six 50 A, 1600 V
rectifiers, six 50 A, 1200 V IGBTs with inverse diodes, one 35 A,
1200 V brake IGBT with brake diode and an NTC thermistor.
The NXH50C120L2C2ES1G is a transfer−molded power module
with low thermal resistance substrate containing a converter−inverter
circuit consisting of six 50 A, 1600 V rectifiers, six 50 A, 1200 V
IGBTs with inverse diodes, and an NTC thermistor.

Features
• Low Thermal Resistance Substrate for Low Thermal Resistance
• Lower Package Height than Standard Case Modules
• 6 mm Clearance distance between pin to heatsink
• Compact 73 mm × 40 mm × 8 mm Package
• Solderable Pins
• Thermistor
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Typical Applications
• Industrial Motor Drives
• Servo Drives




Similar Part No. - NXH50C120L2C2ESG_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NXH50C120L2C2ESG ONSEMI-NXH50C120L2C2ESG Datasheet
403Kb / 12P
TMPIM 50 A CIB/CI Module
March, 2020 ??Rev. 0
More results


Similar Description - NXH50C120L2C2ESG_V01

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CP10TD1-24A POWEREX-CP10TD1-24A Datasheet
336Kb / 6P
DIP-CIB
CM100MX-12A POWEREX-CM100MX-12A Datasheet
788Kb / 7P
NX-Series CIB Module
logo
TEMEX
CI-E03 TEMEX-CI-E03 Datasheet
693Kb / 11P
CI E03 is a digital dual pulse compression module
logo
ON Semiconductor
NXH25C120L2C2SG ONSEMI-NXH25C120L2C2SG Datasheet
300Kb / 10P
TMPIM 25 A CIB Module
July, 2020 ??Rev. 1
NXH35C120L2C2ESG ONSEMI-NXH35C120L2C2ESG Datasheet
690Kb / 9P
TMPIM 35 A Enhances CIB Module
March, 2020 ??Rev. 0
NXH35C120L2C2SG ONSEMI-NXH35C120L2C2SG Datasheet
277Kb / 9P
TMPIM 35 A CIB/CI Module
February, 2020 ??Rev. P2
NXH50C120L2C2ESG ONSEMI-NXH50C120L2C2ESG Datasheet
403Kb / 12P
TMPIM 50 A CIB/CI Module
March, 2020 ??Rev. 0
NXH50M65L4C2SG ONSEMI-NXH50M65L4C2SG Datasheet
893Kb / 20P
TMPIM 650 V 50 A Converter-Inverter-PFCs Module
September, 2021 ??Rev. P3
NXH50M65L4C2ESG ONSEMI-NXH50M65L4C2ESG Datasheet
900Kb / 20P
TMPIM 650 V 50 A Converter-Inverter-PFCs Module
September, 2021?뭃ev. P4
NXH35C120L2C2ESG ONSEMI-NXH35C120L2C2ESG_V01 Datasheet
615Kb / 9P
TMPIM 35 A Enhances CIB Module
October, 2020 - Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com