Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AOZ2387QI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ2387QI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ2387QI
Download  AOZ2387QI Download
File Size   3075.16 Kbytes
Page   18 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 25V/20A Synchronous EZBuckTM Regulator

AOZ2387QI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ2387QI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ2387QI
Download  AOZ2387QI Click to download

File Size   3075.16 Kbytes
Page   18 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 25V/20A Synchronous EZBuckTM Regulator

AOZ2387QI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ2387QI Product details

General Description
The AOZ2387QI is a high-efficiency, easy-to-use DC/DC
synchronous buck regulator that operates up to 25 V. The
device is capable of supplying 20 A of continuous output
current with an output voltage adjustable down to 0.6 V
(±1.0%).
The AOZ2387QI integrates an internal linear regulator to
generate 5.3 V VCC from input. If input voltage is lower than
5.3 V, the linear regulator operates at low drop output mode,
which allows the VCC voltage is equal to input voltage minus
the drop-output voltage of the internal linear regulator.
A proprietary constant on-time PWM control with input
feed-forward results in ultra-fast transient response while
maintaining relatively constant switching frequency over
the entire input voltage range. A low 80 ns minimum on-time
enables very low output voltages at ultra-high operating
frequencies.
Integrated AC ripple injection enables all-ceramic low ESR
output filter capacitors and smaller PCB footprint with no
external components needed.
Selectable PFM mode optimizes light load efficiency while
forced PWM mode maintains constant frequency for lower
harmonic noise.
The device features multiple protection functions such as
VCC under-voltage lockout, cycle-by-cycle current limit,
output over-voltage protection, short-circuit protection, and
thermal shutdown.
The AOZ2387QI is available in a 5 mm×5 mm QFN-28L
package and is rated over a -40°C to +85°C ambient
temperature range.

Features
• Wide input voltage range
- 5.5 V to 25 V if internal LDO supply VCC
- 4 V to 25 V if external VCC supply
• 20 A continuous output current
• Output voltage adjustable from 0.6 V ±1.0%
• Low RDS(ON) internal NFETs
- 5 mΩ high-side
- 1.8 mΩ low-side
• Internal LDO
• Constant On-Time with input feed-forward
• Programmable on-time up to 3.5 μs and down to 80 ns
• Programmable switching frequency range: 1 MHz (for 12
VIN to 1 VOUT)
• Selectable PFM or forced PWM light load operation
• Ceramic capacitor stable
• Remote Sense
• Adjustable current limit setting
• Adjustable soft start
• Power Good output
• Integrated bootstrap diode
• Under-voltage protection and over-voltage protection
• Cycle-by-cycle current limit
• Short-circuit protection
• Thermal shutdown
• Thermally enhanced 5 mm x 5 mm QFN-28L package

Applications
• Compact PCs and gaming systems
• Set-top boxes and LCD TVs
• Server and storage systems
• Datacom and networking
• Embedded computing
• Point-of load DC/DC converters




Similar Part No. - AOZ2387QI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ2380QI AOSMD-AOZ2380QI Datasheet
2Mb / 17P
24V/35A Synchronous EZBuckTM Regulator
Rev. 1.1 July 2022
AOZ2388QI AOSMD-AOZ2388QI Datasheet
2Mb / 18P
25V/25A Synchronous EZBuckTM Regulator
Rev. 1.0 June 2022
More results


Similar Description - AOZ2387QI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ3101 AOSMD-AOZ3101 Datasheet
878Kb / 14P
2A Synchronous EZBuckTM Regulator
AOZ3103 AOSMD-AOZ3103 Datasheet
678Kb / 13P
3A Synchronous EZBuckTM Regulator
AOZ2367QI-11 AOSMD-AOZ2367QI-11 Datasheet
1Mb / 18P
24V/20A Synchronous EZBuckTM Regulator
Rev. 2.1 May 2022
AOZ22555QI AOSMD-AOZ22555QI Datasheet
2Mb / 16P
25V/15A Synchronous EZBuckTM Regulator
Rev. 1.0 December 2021
AOZ2295AQI-03 AOSMD-AOZ2295AQI-03 Datasheet
1Mb / 15P
25V Input, 3.3V/12A Output Synchronous EZBuckTM Regulator
Rev. 1.1 January 2022
AOZ2337CQI-01 AOSMD-AOZ2337CQI-01 Datasheet
1Mb / 24P
I2C Controllable 28V/20A Synchronous EZBuckTM Regulator
Rev 1.0 May 2020
AOZ2366QI AOSMD-AOZ2366QI Datasheet
1Mb / 18P
28V/20A Synchronous EZBuckTM Regulator
Rev. 1.2 June 2021
AOZ2377QI AOSMD-AOZ2377QI Datasheet
2Mb / 17P
24V/20A Synchronous EZBuckTM Regulator
Rev. 1.1 July 2022
AOZ2388QI AOSMD-AOZ2388QI Datasheet
2Mb / 18P
25V/25A Synchronous EZBuckTM Regulator
Rev. 1.0 June 2022
AOZ22557QI AOSMD-AOZ22557QI Datasheet
2Mb / 18P
25V/15A Synchronous EZBuckTM Regulator
Rev. 1.0 April 2022
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com