Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AOZ9551QV Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ9551QV Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ9551QV
Download  AOZ9551QV Download
File Size   787.61 Kbytes
Page   11 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 56 V/12 A Smart Motor Module

AOZ9551QV Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ9551QV Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ9551QV
Download  AOZ9551QV Click to download

File Size   787.61 Kbytes
Page   11 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 56 V/12 A Smart Motor Module

AOZ9551QV Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ9551QV Product details

General Description
The AOZ9551QV is an integrated half-bridge gate driver with
smart functions. The device includes one half-bridge gate
driver, capable of driving high-side and low-side N-channel
MOSFETs. Using two AOZ9551QV for single phase motor
drivers and three AOZ9551QV for three phase motor drivers.
The device features multiple protection functions such as
short circuit protection and over temperature protection.
Moreover, AOZ9551QV provides adjustable gate drive sink
and source current control. By doing this control, the user
can optimize performances of EMI and efficiency.
The AOZ9551QV is available in a 5 mm×5 mm QFN-31L
package and is rated over a -40°C to +125°C ambient
temperature range.

Features
• Input voltage range:
- 10.8 V to 56 V
• Maximum Output Current 12 A
• Adjustable Gate Drive Sink/Source Current
• Junction Temperature Monitor
• Integrated Bootstrap Diode
• Low RDS(ON) internal NFETs
- 10 mΩ for Both HS/LS
• Thermal Protection
• Short Circuit Protection
• Thermally enhanced 31-pin 5×5 QFN

Applications
• BLDC Motor Drive
• Fans and Pumps
• Power Tools




Similar Part No. - AOZ9551QV

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ9510QI AOSMD-AOZ9510QI Datasheet
1Mb / 13P
28V/20A Smart Motor Module
Rev. 1.3 September 2022
AOZ9511QV AOSMD-AOZ9511QV Datasheet
1Mb / 13P
28 V/20 A Smart Motor Module
Rev. 1.1 January 2022
AOZ9530QV AOSMD-AOZ9530QV Datasheet
1Mb / 13P
28 V/7 A Smart Motor Module
Rev. 2.0 August 2022
More results


Similar Description - AOZ9551QV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Vishay Siliconix
SI9961A VISHAY-SI9961A Datasheet
112Kb / 9P
12-V Voice Coil Motor Driver
03-May-04
logo
Unisonic Technologies
UH457 UTC-UH457 Datasheet
174Kb / 6P
SMART MOTOR DRIVER
logo
ON Semiconductor
NFVA35065L32 ONSEMI-NFVA35065L32 Datasheet
675Kb / 15P
3?뭁hase 650 V, 50 A Automotive Smart Power Module
May, 2018 ??Rev. 2
NFVA33065L32 ONSEMI-NFVA33065L32 Datasheet
893Kb / 14P
3?뭁hase 650 V, 30 A Automotive Smart Power Module
November, 2018 ??Rev. 2
NFVA34065L32 ONSEMI-NFVA34065L32 Datasheet
889Kb / 14P
3?뭁hase 650 V, 40 A Automotive Smart Power Module
November, 2018 ??Rev. 2
logo
Alpha & Omega Semicondu...
AOZ9510QI AOSMD-AOZ9510QI Datasheet
1Mb / 13P
28V/20A Smart Motor Module
Rev. 1.3 September 2022
AOZ9511QV AOSMD-AOZ9511QV Datasheet
1Mb / 13P
28 V/20 A Smart Motor Module
Rev. 1.1 January 2022
AOZ9530QV AOSMD-AOZ9530QV Datasheet
1Mb / 13P
28 V/7 A Smart Motor Module
Rev. 2.0 August 2022
logo
ON Semiconductor
NFVF97565L1ZT1 ONSEMI-NFVF97565L1ZT1 Datasheet
634Kb / 12P
ASPM16 Series for Exciter Motor Application Automotive 650 V 75 A Smart Power Module
July, 2023 - Rev. 0
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com