Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AOK065V65X2 Datasheet (PDF) - Alpha & Omega Semiconductors

AOK065V65X2 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOK065V65X2
Download  AOK065V65X2 Download
File Size   880.04 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 650V αSiC Silicon Carbide Power MOSFET

AOK065V65X2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOK065V65X2 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOK065V65X2
Download  AOK065V65X2 Click to download

File Size   880.04 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 650V αSiC Silicon Carbide Power MOSFET

AOK065V65X2 Datasheet (HTML) - Alpha & Omega Semiconductors


AOK065V65X2 Product details

Features
• Proprietary αSiC MOSFET technology
• Low loss, fast switching speeds with low RG
• Optimized drive voltage (VGS =15V)
for broad driver compatibility
• Robust body diode and low Qrr

Applications
• Renewable • Industrial
• EV Charger • UPS
• Solar Inverters • SMPS
• Motor Drives




Similar Part No. - AOK065V65X2

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOK065V120X2 AOSMD-AOK065V120X2 Datasheet
874Kb / 9P
1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.3 March 2022
logo
Inchange Semiconductor ...
AOK065V120X2 ISC-AOK065V120X2 Datasheet
437Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOK065V65X2

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOK065V120X2 AOSMD-AOK065V120X2 Datasheet
874Kb / 9P
1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.3 March 2022
AOK150V120X2 AOSMD-AOK150V120X2 Datasheet
828Kb / 9P
1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.0 September 2021
AOK150V120X2Q AOSMD-AOK150V120X2Q Datasheet
833Kb / 9P
1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.1 September 2021
AOM033V120X2 AOSMD-AOM033V120X2 Datasheet
885Kb / 9P
1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.0 June 2021
AOM065V120X2 AOSMD-AOM065V120X2 Datasheet
818Kb / 9P
1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.1 March 2022
AOM015V75X2Q AOSMD-AOM015V75X2Q Datasheet
1Mb / 8P
750 V αSiC Silicon Carbide Power MOSFET
Rev. 1.2 December 2022
AOK033V120X2 AOSMD-AOK033V120X2 Datasheet
829Kb / 9P
1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.0 June 2021
AOK033V120X2Q AOSMD-AOK033V120X2Q Datasheet
833Kb / 9P
1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.0 June 2021
AOM033V120X2Q AOSMD-AOM033V120X2Q Datasheet
778Kb / 9P
1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.1 June 2021
AOM065V120X2Q AOSMD-AOM065V120X2Q Datasheet
803Kb / 9P
1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.1 March 2022
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com