Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPP150A-J Datasheet (PDF) - TRACO Electronic AG

TPP150A-J Datasheet PDF - TRACO Electronic AG
Part # TPP150A-J
Download  TPP150A-J Download
File Size   1101.86 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Medical Power Supply TPP 150A-J Series, 150 Watt

TPP150A-J Datasheet (PDF)

Go To PDF Page Download Datasheet
TPP150A-J Datasheet PDF - TRACO Electronic AG

Part # TPP150A-J
Download  TPP150A-J Click to download

File Size   1101.86 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Medical Power Supply TPP 150A-J Series, 150 Watt

TPP150A-J Datasheet (HTML) - TRACO Electronic AG


TPP150A-J Product details

• Open frame 150 W power supply with
JST connection in 2.0” x 4.0” package
• Certification according to IEC/EN/ES
60601-1 3rd edition for 2 x MOPP
• Low leakage current <100 μA rated for
BF applications
• Risk management process according to
ISO 14971 incl. risk management file
• Acceptance criteria for electronic
assemblies acc. to IPC-A-610 Level 3
• Active power factor correction >0.95
• Protection class l and ll prepared
• Operating up to 5000 m altitude
• Ready to meet ErP directive, <0.3 W no
load power consumption
• 5-year product warranty




Similar Part No. - TPP150A-J

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TPP150 TRACOPOWER-TPP150 Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 150 Series, 150 Watt
Rev. March 16, 2023
TPP150-112 TRACOPOWER-TPP150-112 Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 150 Series, 150 Watt
Rev. March 16, 2023
TPP150-115 TRACOPOWER-TPP150-115 Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 150 Series, 150 Watt
Rev. March 16, 2023
TPP150-124 TRACOPOWER-TPP150-124 Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 150 Series, 150 Watt
Rev. March 16, 2023
TPP150-128 TRACOPOWER-TPP150-128 Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 150 Series, 150 Watt
Rev. March 16, 2023
More results


Similar Description - TPP150A-J

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TPP100A-J TRACOPOWER-TPP100A-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 100A-J Series, 100 Watt
Rev. March 16, 2023
TPP15-J TRACOPOWER-TPP15-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 15-J Series, 15 Watt
Rev. March 16, 2023
TPP150 TRACOPOWER-TPP150 Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 150 Series, 150 Watt
Rev. March 16, 2023
TPP15A-J TRACOPOWER-TPP15A-J Datasheet
1Mb / 6P
AC/DC Medical Power Supply TPP 15A-J Series, 15 Watt
Rev. March 16, 2023
TPP30-J TRACOPOWER-TPP30-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 30-J Series, 30 Watt
Rev. March 16, 2023
TPP30A-J TRACOPOWER-TPP30A-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 30A-J Series, 30 Watt
Rev. March 16, 2023
TPP40A TRACOPOWER-TPP40A Datasheet
1Mb / 4P
AC/DC Medical Power Supply TPP 40A Series, 40 Watt
Rev. November 30, 2022
TPP40E-J TRACOPOWER-TPP40E-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 40E-J Series, 40 Watt
Rev. February 13, 2023
TPP450A TRACOPOWER-TPP450A Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 450A Series, 450 Watt
Rev. March 16, 2023
TPP65E-J TRACOPOWER-TPP65E-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 65E-J Series, 65 Watt
Rev. February 13, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com