Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZCKY59 Datasheet (PDF) - Schneider Electric

ZCKY59 Datasheet PDF - Schneider Electric
Part # ZCKY59
Download  ZCKY59 Download
File Size   70.67 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Limit switch lever, Limit switches XC Standard, ZCKY, thermoplastic

ZCKY59 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZCKY59 Datasheet PDF - Schneider Electric

Part # ZCKY59
Download  ZCKY59 Click to download

File Size   70.67 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Limit switch lever, Limit switches XC Standard, ZCKY, thermoplastic

ZCKY59 Datasheet (HTML) - Schneider Electric


ZCKY59 Product details

Main
Range of product Telemecanique Limit switches XC Standard
Series name Standard format
Product or component type Limit switch lever
Device short name ZCKY
Product compatibility XCKL
XCKJ
XCKM
XCKS
Associated head ZCKD05
ZCKE05
Movement of operating head Rotary
Type of operator Rod lever spring return thermoplastic (round rod 6 mm, L = 200 mm)
Type of approach Lateral approach
Complementary
Switch actuation By any moving part
Positive opening Without
Environment
Ambient air temperature for
operation
-25…70 °C for standard environment
-40…70 °C for low temperature
Ambient air temperature for
storage
-40…70 °C standard environment
-40…70 °C low temperature
Environmental characteristic Standard environment
Low temperature




Similar Part No. - ZCKY59

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
ZCK-1 SYSTEMSENSOR-ZCK-1 Datasheet
74Kb / 2P
Zonecheck Keyswitch for Control and Monitoring of the Zonecheck Flow Switch Tester
ZCK-1E SYSTEMSENSOR-ZCK-1E Datasheet
74Kb / 2P
Zonecheck Keyswitch for Control and Monitoring of the Zonecheck Flow Switch Tester
ZCK-1EG SYSTEMSENSOR-ZCK-1EG Datasheet
74Kb / 2P
Zonecheck Keyswitch for Control and Monitoring of the Zonecheck Flow Switch Tester
ZCK-1EN SYSTEMSENSOR-ZCK-1EN Datasheet
74Kb / 2P
Zonecheck Keyswitch for Control and Monitoring of the Zonecheck Flow Switch Tester
ZCK-50 SYSTEMSENSOR-ZCK-50 Datasheet
74Kb / 2P
Zonecheck Keyswitch for Control and Monitoring of the Zonecheck Flow Switch Tester
More results


Similar Description - ZCKY59

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZCY45 SCHNEIDER-ZCY45 Datasheet
69Kb / 1P
limit switch lever ZCY - thermoplastic roller lever variable length
Aug 10, 2019
XCMD21F2L1 SCHNEIDER-XCMD21F2L1 Datasheet
160Kb / 7P
Limit switch, Limit switches XC Standard, XCMD, M12 steel roller plunger, 1NC1 NO, snap, 1 m
Sep 19, 2021
XCKJ10541A SCHNEIDER-XCKJ10541A Datasheet
270Kb / 12P
Limit switch, Limit switches XC Standard, XCKJ, thermoplastic plastic roller lever var. length, 1NC 1 NO, snap, 7/8"||"Jan 13, 2022
ZCKSD31 SCHNEIDER-ZCKSD31 Datasheet
147Kb / 3P
Limit switch body, Limit switches XC Standard, ZCKS, 1NC2 NO, snap action, Pg13.5
Jan 13, 2022
ZCKSD39 SCHNEIDER-ZCKSD39 Datasheet
148Kb / 3P
Limit switch body, Limit switches XC Standard, ZCKS, 2NC1 NO, snap action, Pg13.5
Jan 14, 2022
XCKM115 SCHNEIDER-XCKM115_V01 Datasheet
239Kb / 9P
Limit switches XC Standard
Feb 12, 2023
XCKS141 SCHNEIDER-XCKS141 Datasheet
197Kb / 12P
Limit switches XC Standard
Feb 12, 2023
XCMD2102L5 SCHNEIDER-XCMD2102L5 Datasheet
136Kb / 9P
Limit switches XC Standard
Feb 12, 2023
XCMD2115L1 SCHNEIDER-XCMD2115L1 Datasheet
152Kb / 10P
Limit switches XC Standard
Feb 12, 2023
XCMD21F0L1 SCHNEIDER-XCMD21F0L1 Datasheet
153Kb / 10P
Limit switches XC Standard
Feb 12, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com