Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

9ZXL1230AKLFT Datasheet (PDF) - Renesas Technology Corp

9ZXL1230AKLFT Datasheet PDF - Renesas Technology Corp
Part # 9ZXL1230AKLFT
Download  9ZXL1230AKLFT Download
File Size   422.61 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI

9ZXL1230AKLFT Datasheet (PDF)

Go To PDF Page Download Datasheet
9ZXL1230AKLFT Datasheet PDF - Renesas Technology Corp

Part # 9ZXL1230AKLFT
Download  9ZXL1230AKLFT Click to download

File Size   422.61 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI

9ZXL1230AKLFT Datasheet (HTML) - Renesas Technology Corp


9ZXL1230AKLFT Product details

General Description
The 9ZXL1230 is a small-footprint, low power 12-output
differential buffer that meets all the performance
requirements of the Intel DB1900Z specification. It is pin
compatible to the 9ZX21200. The 9ZXL1230 is backwards
compatible to PCIe Gen2 and QPI 6.4GT/s specifications. A
fixed, internal feedback path maintains low drift for critical
QPI applications.
Recommended Application
12-output Low Power PCIe Gen3/QPI differential buffer for
Romley
Output Features
• 12 - 0.7V low-power HCSL-compatible output pairs
Features/Benefits
• Low-power push-pull outputs; Save power and board
space - no Rp
• Pin compatible to 9ZX21200; easy path to >50% power
savings
• Space-saving 56-pin QFN package
• Fixed feedback path for 0ps input-to-output delay
• 9 Selectable SMBus Addresses; Mulitple devices can
share the same SMBus Segment
• 4 OE# pins; Hardware control of four outputs, other
outputs free run
• PLL or bypass mode; PLL can dejitter incoming clock
• 100MHz or 133MHz PLL mode operation; supports PCIe
and QPI applications
• Selectable PLL bandwidth; minimizes jitter peaking in
downstream PLL's
• Spread Spectrum Compatible; tracks spreading input
clock for low EMI
Key Specifications
• Cycle-to-cycle jitter <50ps
• Output-to-output skew <65 ps
• Input-to-output delay variation <50ps
• PCIe Gen3 phase jitter <1.0ps RMS
• QPI 9.6GT/s 12UI phase jitter <0.2ps RMS




Similar Part No. - 9ZXL1230AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL1230 IDT-9ZXL1230 Datasheet
206Kb / 18P
Low-power push-pull outputs
More results


Similar Description - 9ZXL1230AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FG430 IDT-9FG430 Datasheet
211Kb / 18P
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
9FG830 IDT-9FG830 Datasheet
225Kb / 19P
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
logo
Silicon Laboratories
SI53019-A02A SILABS-SI53019-A02A Datasheet
1Mb / 37P
19-OUTPUT PCIE GEN3 AND QPI BUFFER
logo
Integrated Device Techn...
9FG430 IDT-9FG430_17 Datasheet
195Kb / 18P
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
9FG830 IDT-9FG830_17 Datasheet
202Kb / 19P
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
logo
Renesas Technology Corp
9DB1233 RENESAS-9DB1233 Datasheet
495Kb / 18P
12-Output Differential Buffer for PCIe Gen3
December 17, 2019
9FG430 RENESAS-9FG430 Datasheet
333Kb / 19P
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
04/04/17
9ZX21200 RENESAS-9ZX21200 Datasheet
9Mb / 18P
12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN3 AND QPI
REV D 041513
9FG830 RENESAS-9FG830 Datasheet
341Kb / 20P
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
2019
logo
Skyworks Solutions Inc.
SI53019-A02A SKYWORKS-SI53019-A02A Datasheet
1Mb / 37P
19-OUTPUT PCIE GEN3 AND QPI BUFFER
Rev. 1.3
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com