Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BR16F84-1.07 Datasheet (PDF) - List of Unclassifed Manufacturers

BR16F84-1.07 Datasheet PDF - List of Unclassifed Manufacturers
Part # BR16F84-1.07
Download  BR16F84-1.07 Download
File Size   104.55 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description OBD II Interface Chip Data Sheet

BR16F84-1.07 Datasheet (PDF)

Go To PDF Page Download Datasheet
BR16F84-1.07 Datasheet PDF - List of Unclassifed Manufacturers

Part # BR16F84-1.07
Download  BR16F84-1.07 Click to download

File Size   104.55 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description OBD II Interface Chip Data Sheet

BR16F84-1.07 Datasheet (HTML) - List of Unclassifed Manufacturers


BR16F84-1.07 Product details

GENERAL DESCRIPTION:
This device is a CMOS microcontroller which is designed to interface a personal computer or laptop with a
vehicle's On Board Diagnostic (OBD II) interface. It is intended to function with all three of the protocols used
by vehicle manufacturers to implement the OBD II system as defined by SAE and ISO specifications. The
OBD II system became mandatory for 1996 and up vehicles, but some vehicles were already fully or partially
compatible with OBD II requirements prior to 1996. The chip is not suitable for the earlier vehicles such as
OBD I.
The device is intended to function as a simple scan tool and is capable of sending and receiving any OBD II
message defined in SAE J1979 for any of the three types of OBDII bus implementations (PWM, VPW, ISO
9141-2). It can also be used as an inexpensive interface for custom instrumentation monitoring various
vehicle parameters such as speed, RPM, coolant or intake air temperature, engine load, intake air flow rate,
etc.

FEATURES:
Operating Voltage 5.0 V
Operating Current 5 Ma. Typ
Clock: 20 MHz
Inputs: (0-5V levels)
Serial Input (19200 Baud)
PWM receive
VPW receive
ISO 9141-2
Outputs (0-5V levels)
Serial output (19200 Baud)
PWM transmit bus+ (inverted)
PWM transmit bus- (inverted)
VPW transmit
ISO 9141-2 L line transmit (inverted)
ISO 9141-2 K line transmit (inverted)




Similar Part No. - BR16F84-1.07

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
BR16 AMPHENOL-BR16 Datasheet
107Kb / 4P
Heavy ISONEL: for use to 356째F (180째C), excellent abrasion resistance, our standard coating
BR16 AMPHENOL-BR16 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Panasonic Semiconductor
BR1632 PANASONIC-BR1632 Datasheet
185Kb / 6P
Poly-carbonmonofluoride (BR Series) and Manganese Dioxide (CR Series)
BR1632 PANASONIC-BR1632 Datasheet
104Kb / 4P
INDUSTRIAL SOLUTIONS
logo
Panasonic Battery Group
BR1632 PANASONICBATTERY-BR1632 Datasheet
663Kb / 6P
LITHIUM - Coin Type
AUGUST 2005
More results


Similar Description - BR16F84-1.07

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
Stratix II Device Family Data Sheet
logo
List of Unclassifed Man...
OBD-M-DB9-F-ES ETC2-OBD-M-DB9-F-ES Datasheet
228Kb / 12P
DB9 to OBD-II Adapter Cable
logo
Altera Corporation
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
Stratix II GX Device Data Sheet
logo
Shenzhen Huazhimei Semi...
HM3132 HMSEMI-HM3132 Datasheet
860Kb / 10P
Chip Data Sheet V1.0
HM2103B HMSEMI-HM2103B Datasheet
819Kb / 9P
Chip data sheet
HM3117 HMSEMI-HM3117 Datasheet
773Kb / 10P
Chip data sheet V1.0
logo
SparkFun Electronics
CAB-10087 SPARKFUN-CAB-10087 Datasheet
91Kb / 1P
OBD-II to DB9 Cable
10/22/2015
logo
Molex Electronics Ltd.
0573263700 MOLEX-0573263700 Datasheet
36Kb / 1P
S-1 Applicator for OBD-II Terminals, Female
08/26/2022
logo
Intel Corporation
EPM240 INTEL-EPM240 Datasheet
622Kb / 101P
MAX II Device Family Data Sheet
December 2006
logo
Advantech Co., Ltd.
WISE-4773-S51U ADVANTECH-WISE-4773-S51U Datasheet
209Kb / 2P
Intelligent Cellular LTE OBD Data Interface – GPS, Category M1
22-Mar-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com