Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAT6261.006NL Datasheet (PDF) - Pulse A Technitrol Company

PAT6261.006NL Datasheet PDF - Pulse A Technitrol Company
Part # PAT6261.006NL
Download  PAT6261.006NL Download
File Size   1009.58 Kbytes
Page   3 Pages
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company
Description High Frequency Wire Wound Transformers

PAT6261.006NL Datasheet (PDF)

Go To PDF Page Download Datasheet
PAT6261.006NL Datasheet PDF - Pulse A Technitrol Company

Part # PAT6261.006NL
Download  PAT6261.006NL Click to download

File Size   1009.58 Kbytes
Page   3 Pages
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company
Description High Frequency Wire Wound Transformers

PAT6261.006NL Datasheet (HTML) - Pulse A Technitrol Company


PAT6261.006NL Product details

Height: 10.5mm Max
Footprint: 16.5mm x 22.23mm
Topology: Flyback transformer
Functional Insulation
Isolation voltage: 1500Vrms (hi-pot)
Operating Frequency: 250kHz




Similar Part No. - PAT6261.006NL

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PAT6012 NIEC-PAT6012 Datasheet
198Kb / 4P
THYRISTOR MODULE
PAT6016 NIEC-PAT6016 Datasheet
198Kb / 4P
THYRISTOR MODULE
logo
Kyocera Kinseki Corpota...
PAT6016 KSS-PAT6016 Datasheet
893Kb / 3P
Thyristor
logo
National Instruments Co...
PAT6016 NI-PAT6016_15 Datasheet
796Kb / 3P
133竊?RMS 1600 竊턮lts
logo
Nihon Inter Electronics...
PAT608 NIEC-PAT608 Datasheet
172Kb / 4P
THYRISTOR MODULE
More results


Similar Description - PAT6261.006NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1133NLT PULSE-PA1133NLT Datasheet
149Kb / 3P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1135NLT PULSE-PA1135NLT Datasheet
149Kb / 3P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA0273 PULSE-PA0273 Datasheet
249Kb / 6P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1836NLT PULSE-PA1836NLT Datasheet
1Mb / 6P
High Frequency Wire Wound Transformers
PA1138NLT PULSE-PA1138NLT Datasheet
149Kb / 3P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1276NLT PULSE-PA1276NLT Datasheet
149Kb / 3P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA3855.001NL PULSE-PA3855.001NL Datasheet
922Kb / 5P
High Frequency Wire Wound Transformers
PA1136NL PULSE-PA1136NL Datasheet
2Mb / 14P
High Frequency Wire Wound Transformers
PM9595NL PULSE-PM9595NL Datasheet
618Kb / 2P
High Frequency Wire Wound Transformers
03/22
PG1895NL PULSE-PG1895NL Datasheet
774Kb / 2P
High Frequency Wire Wound Transformers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com