Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IDT8SLVD1208I Datasheet (PDF) - Renesas Technology Corp

IDT8SLVD1208I Datasheet PDF - Renesas Technology Corp
Part # IDT8SLVD1208I
Download  IDT8SLVD1208I Download
File Size   656.02 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:8, LVDS Output Fanout Buffer

IDT8SLVD1208I Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT8SLVD1208I Datasheet PDF - Renesas Technology Corp

Part # IDT8SLVD1208I
Download  IDT8SLVD1208I Click to download

File Size   656.02 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:8, LVDS Output Fanout Buffer

IDT8SLVD1208I Datasheet (HTML) - Renesas Technology Corp


IDT8SLVD1208I Product details

General Description
The IDT8SLVD1208I is a high-performance differential LVDS fanout
buffer. The device is designed for the fanout of high-frequency, very
low additive phase-noise clock and data signals. The
IDT8SLVD1208I is characterized to operate from a 2.5V power
supply. Guaranteed output-to-output and part-to-part skew
characteristics make the IDT8SLVD1208I ideal for those clock
distribution applications demanding well-defined performance and
repeatability. Two selectable differential inputs and eight low skew
outputs are available. The integrated bias voltage reference enables
easy interfacing of single-ended signals to the device inputs. The
device is optimized for low power consumption and low additive
phase noise.
Features
• Eight low skew, low additive jitter LVDS output pairs
• Two selectable, differential clock input pairs
• Differential PCLK, nPCLK pairs can accept the following
differential input levels: LVDS, LVPECL
• Maximum input clock frequency: 2GHz (maximum)
• LVCMOS/LVTTL interface levels for the control input (input select)
• Output skew: 8ps (typical)
• Propagation delay: 255ps (typical)
• Low additive phase jitter, RMS; fREF = 156.25MHz, VPP = 1V,
10kHz - 20MHz: 65fs (typical)
• Maximum device current consumption (IDD): 170mA
• 2.5V supply voltage
• Lead-free (RoHS 6), 28-Lead VFQFN packaging
• -40°C to 85°C ambient operating temperature




Similar Part No. - IDT8SLVD1208I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8SLVD1208I IDT-IDT8SLVD1208I Datasheet
374Kb / 20P
Maximum input clock frequency
More results


Similar Description - IDT8SLVD1208I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8P34S2108 IDT-8P34S2108 Datasheet
544Kb / 20P
Dual 1:8 LVDS Output 1.8V Fanout Buffer
8SLVD1212 IDT-8SLVD1212_16 Datasheet
555Kb / 21P
1:12, LVDS Output Fanout Buffer
8SLVD2102 IDT-8SLVD2102 Datasheet
357Kb / 18P
Dual 1:2, LVDS Output Fanout Buffer
8P34S1102I IDT-8P34S1102I_17 Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
8SLVD1212 IDT-8SLVD1212_17 Datasheet
500Kb / 20P
1:12, LVDS Output Fanout Buffer
8SLVD2102 IDT-8SLVD2102_18 Datasheet
386Kb / 18P
Dual 1:2, LVDS Output Fanout Buffer
logo
Renesas Technology Corp
8P34S2108 RENESAS-8P34S2108 Datasheet
958Kb / 22P
Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
March 21, 2023
8SLVD2102 RENESAS-8SLVD2102 Datasheet
645Kb / 19P
Dual 1:2, LVDS Output Fanout Buffer
January 21, 2018
IDT8SLVD1208-33I RENESAS-IDT8SLVD1208-33I Datasheet
747Kb / 22P
1:8, LVDS Output Fanout Buffer
FEBRUARY 12, 2014
8P34S1106I RENESAS-8P34S1106I Datasheet
1Mb / 17P
1:6 LVDS Output 1.8V Fanout Buffer
February 6, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com