Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MK2069-01 Datasheet (PDF) - Renesas Technology Corp

MK2069-01 Datasheet PDF - Renesas Technology Corp
Part # MK2069-01
Download  MK2069-01 Download
File Size   411.23 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VCXO-BASED LINE CARD CLOCK SYNCHRONIZER

MK2069-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2069-01 Datasheet PDF - Renesas Technology Corp

Part # MK2069-01
Download  MK2069-01 Click to download

File Size   411.23 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VCXO-BASED LINE CARD CLOCK SYNCHRONIZER

MK2069-01 Datasheet (HTML) - Renesas Technology Corp


MK2069-01 Product details

Features
• Input clock frequency of 1 kHz to 170 MHz
• Output clock frequency of 500 kHz to 160 MHz
• Jitter attenuation of input clock provided by VCXO circuit.
Jitter transfer characteristics user configured through
selection of external loop filter components.
• 3:1 Input MUX for input reference clocks
• PLL lock status output
• PLL Clear function allows seamless synchronizing to an
altered input clock phase, virtually eliminating the
generation of wander or extra clock cycles.
• VCXO-based clock generation offers very low jitter and
phase noise generation, even with a low frequency or
jittery input clock.
• 2nd PLL provides translation of VCXO PLL output
(VCLK) to higher or alternate clock frequencies (TCLK).
• Device will free-run in the absence of an input clock
based on the VCXO crystal frequency.
• 56 pin TSSOP package
• Single 3.3 V power supply
• 5 V tolerant inputs on ICLK0 and ICLK1




Similar Part No. - MK2069-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2069-01 ICST-MK2069-01 Datasheet
344Kb / 19P
VCXO-Based Line Card Clock Synchronizer
Revision 050203
MK2069-01GI ICST-MK2069-01GI Datasheet
344Kb / 19P
VCXO-Based Line Card Clock Synchronizer
Revision 050203
MK2069-01GITR ICST-MK2069-01GITR Datasheet
344Kb / 19P
VCXO-Based Line Card Clock Synchronizer
Revision 050203
More results


Similar Description - MK2069-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2059-01 ICST-MK2059-01 Datasheet
151Kb / 10P
VCXO-Based Frame Clock Frequency Translator
MK2069-01 ICST-MK2069-01 Datasheet
344Kb / 19P
VCXO-Based Line Card Clock Synchronizer
Revision 050203
MK2069-03 ICST-MK2069-03 Datasheet
339Kb / 19P
VCXO-Based Clock Translator with High Multiplication
Revision 050203
MK2069-04 ICST-MK2069-04 Datasheet
355Kb / 19P
VCXO-Based Universal Clock Translator
Revision 050203
logo
Zarlink Semiconductor I...
ZL30107 ZARLINK-ZL30107 Datasheet
185Kb / 6P
GbE Line Card Synchronizer
ZL30123 ZARLINK-ZL30123 Datasheet
327Kb / 27P
Low Jitter Line Card Synchronizer
logo
Integrated Device Techn...
MK2069-03 IDT-MK2069-03 Datasheet
397Kb / 21P
VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
logo
Renesas Technology Corp
MK2059-01 RENESAS-MK2059-01 Datasheet
465Kb / 12P
VCXO-BASED FRAME CLOCK FREQUENCY TRANSLATOR
051310
MK2069-03 RENESAS-MK2069-03 Datasheet
388Kb / 22P
VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
060512
MK2069-04 RENESAS-MK2069-04 Datasheet
392Kb / 21P
VCXO-BASED UNIVERSAL CLOCK TRANSLATOR
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com