Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SKY-9232D3 Datasheet (PDF) - Advantech Co., Ltd.

SKY-9232D3 Datasheet PDF - Advantech Co., Ltd.
Part # SKY-9232D3
Download  SKY-9232D3 Download
File Size   1169.7 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 2U 4Node Rackmount Server for Hyper-converged Infrastructure and Storage

SKY-9232D3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SKY-9232D3 Datasheet PDF - Advantech Co., Ltd.

Part # SKY-9232D3
Download  SKY-9232D3 Click to download

File Size   1169.7 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 2U 4Node Rackmount Server for Hyper-converged Infrastructure and Storage

SKY-9232D3 Datasheet (HTML) - Advantech Co., Ltd.


SKY-9232D3 Product details

Features
ƒ Up to 4 Hot-Swappable CPU Node boards with single/dual Intel® Xeon®
Scalable Processors
ƒ Up to 16 DIMM slots DDR4 3200MHz RDIMM/LRDIMM 3DS (per Node)
ƒ Flexible I/O configurations with up to 2x PCIe Gen4 x16 slots (half length,
low profile) or 1xNVMe/SATA SSD + 1x PCIe x16 slot (per Node)(SKU
depends)
ƒ Support one PCIe Gen3 x8 OCP2.0 mezzanine (per Node)
ƒ Optional 2xM.2 storage devices (per Node)
ƒ Up to 12x 3.5” SATA storage on the system
ƒ Optional hot swappable and redundant AC PSU
ƒ Redundant FW images (Advantech BIOS and BMC)
ƒ Onboard BMC (IPMIv2.0 compliant) with Web Interface, KVM and Redfish




Similar Part No. - SKY-9232D3

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SKY-9234S3 ADVANTECH-SKY-9234S3 Datasheet
345Kb / 2P
2U4N Rackmount Server, Designed for Hyper-converged and Storage Application
17-Jan-2023
SKY-9234S3-L6A00 ADVANTECH-SKY-9234S3-L6A00 Datasheet
345Kb / 2P
2U4N Rackmount Server, Designed for Hyper-converged and Storage Application
17-Jan-2023
SKY-9234S3-L6B00 ADVANTECH-SKY-9234S3-L6B00 Datasheet
345Kb / 2P
2U4N Rackmount Server, Designed for Hyper-converged and Storage Application
17-Jan-2023
SKY-9234S3-PSU01 ADVANTECH-SKY-9234S3-PSU01 Datasheet
345Kb / 2P
2U4N Rackmount Server, Designed for Hyper-converged and Storage Application
17-Jan-2023
SKY-9234S3-PSU02 ADVANTECH-SKY-9234S3-PSU02 Datasheet
345Kb / 2P
2U4N Rackmount Server, Designed for Hyper-converged and Storage Application
17-Jan-2023
More results


Similar Description - SKY-9232D3

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
High Performance 2U Storage Server
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
High Performance 2U Storage Server
CRS-720X-2R AAEON-CRS-720X-2R_15 Datasheet
129Kb / 1P
High Performance 2U Storage Server
logo
Advantech Co., Ltd.
ASR-3272-12A1E ADVANTECH-ASR-3272-12A1E Datasheet
1Mb / 2P
2U 12-bay Storage Server with Reliable Data Protection and Backup Solution
logo
List of Unclassifed Man...
FX-5220 ETC2-FX-5220 Datasheet
194Kb / 2P
High performance 2U server rackmount network security platform
logo
Advantech Co., Ltd.
ASR-3272 ADVANTECH-ASR-3272 Datasheet
1Mb / 2P
2U 12-bay Storage Server
logo
Lanner All Rights Reser...
FX-3420 LANNER-FX-3420 Datasheet
1,003Kb / 2P
2U 19??Rackmount Hyper-Converged Appliance Support Dual 2nd Gen Intel짰 Xeon짰 Processor Scalable Family (Cascade Lake-SP)
logo
Advantech Co., Ltd.
ACP-2020G ADVANTECH-ACP-2020G Datasheet
1Mb / 2P
2U Rackmount Chassis for ATX and uATX Motherboard
10-Nov-2021
SKY-9234S3 ADVANTECH-SKY-9234S3 Datasheet
345Kb / 2P
2U4N Rackmount Server, Designed for Hyper-converged and Storage Application
17-Jan-2023
SKY-9240 ADVANTECH-SKY-9240 Datasheet
1Mb / 3P
2U4N Rackmount Server, Designed for Hyper-converged and HPC Application
10-Feb-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com