Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GRF7001 Datasheet (PDF) - Guerrilla RF, Inc.

GRF7001 Datasheet PDF - Guerrilla RF, Inc.
Part # GRF7001
Download  GRF7001 Download
File Size   1318.21 Kbytes
Page   13 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description High Linearity Mixer with Integrated LO Buffer

GRF7001 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF7001 Datasheet PDF - Guerrilla RF, Inc.

Part # GRF7001
Download  GRF7001 Click to download

File Size   1318.21 Kbytes
Page   13 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description High Linearity Mixer with Integrated LO Buffer

GRF7001 Datasheet (HTML) - Guerrilla RF, Inc.


GRF7001 Product details

Features
Reference: RF: 808 MHz; LO: 965 MHz IF: 157 MHz; Bias: 3.0V/9mA
• Conversion Loss: 6.0 dB
• SSB NF: 7.1 dB
• IIP3: 25.4 dBm
• IP1dB: 19.0 dBm
• RF/IF Range: 0.01 to 4.0 GHz
• LO Range: 0.1 to 4.0 GHz
• Flexible Bias Voltage
• Process: GaAs pHEMT

Applications
• Bi-directional Mixer for High-linearity Transmit/Receive Chains




Similar Part No. - GRF7001

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
GRF700 TELEDYNE-GRF700 Datasheet
441Kb / 5P
SURFACE MOUNT HIGH REPEATABILITY, BROADBAND TO-5 RELAYS DPDT DC-4 GHz
07/2021
GRF700-12 TELEDYNE-GRF700-12 Datasheet
441Kb / 5P
SURFACE MOUNT HIGH REPEATABILITY, BROADBAND TO-5 RELAYS DPDT DC-4 GHz
07/2021
GRF700-5 TELEDYNE-GRF700-5 Datasheet
441Kb / 5P
SURFACE MOUNT HIGH REPEATABILITY, BROADBAND TO-5 RELAYS DPDT DC-4 GHz
07/2021
More results


Similar Description - GRF7001

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9996 MAXIM-MAX9996 Datasheet
410Kb / 12P
SiGe High-Linearity, 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/04
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX9986A MAXIM-MAX9986A Datasheet
348Kb / 12P
SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06
MAX9984 MAXIM-MAX9984 Datasheet
493Kb / 15P
SiGe High-Linearity, 400MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 4/05
MAX2029 MAXIM-MAX2029 Datasheet
411Kb / 16P
High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX19996A MAXIM-MAX19996A Datasheet
825Kb / 35P
SiGe, High-Linearity, 2000MHz to 3900MHz Downconversion Mixer with LO Buffer
Rev 1; 5/09
MAX2044 MAXIM-MAX2044 Datasheet
6Mb / 39P
SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX19998 MAXIM-MAX19998 Datasheet
5Mb / 28P
SiGe, High-Linearity, 2300MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/09
logo
TriQuint Semiconductor
CMY210 TRIQUINT-CMY210_15 Datasheet
251Kb / 9P
Ultra-Linear Mixer with Integrated LO Buffer
logo
Maxim Integrated Produc...
MAX19996 MAXIM-MAX19996 Datasheet
404Kb / 19P
SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com